Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT77V012 Datasheet (PDF) - Renesas Technology Corp

IDT77V012 Datasheet PDF - Renesas Technology Corp
Part # IDT77V012
Download  IDT77V012 Download
File Size   887.93 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Data Path Interface (DPI) to UTOPIA Level 1 Header Translation Device

IDT77V012 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT77V012 Datasheet PDF - Renesas Technology Corp

Part # IDT77V012
Download  IDT77V012 Click to download

File Size   887.93 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Data Path Interface (DPI) to UTOPIA Level 1 Header Translation Device

IDT77V012 Datasheet (HTML) - Renesas Technology Corp


IDT77V012 Product details

Features List

 8, 12, 24, 28 or 32-bit ATM header lookup. Ideal for network
side of SwitchStar DSLAM designs where full header access
is needed
 Supports VPI Tunneling
 Supports both UNI and NNI formats
 Accounting functionality counts the number of cells on a
per VC basis
 8-bit UTOPIA Level 1 Tx and Rx interfaces
 Supports UTOPIA Level 1 cell mode operation
 4-bit DPI Tx and Rx interfaces
 DPI interface supports cell sizes from 52 to 56 bytes for
applications requiring a TAG
 DPI interface operates up to 66MHz
 In-Stream™ (In-band) programming for configuration of the
77V012, PHY and external search SRAM
 Supports up to 8K active connections with an external 128K
x 32 SRAM. Up to 16K connections are supported in a 256K
x 32 SRAM
 Inserts new ATM cell header and up to four bytes of TAG in
receive direction, and removes TAG from cell header in
transmit direction




Similar Part No. - IDT77V012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT77V012 ETC1-IDT77V012 Datasheet
677Kb / 46P
Data Path Interface to UTOPIA Level 1 Header Translation Device
IDT77V012L155DA ETC1-IDT77V012L155DA Datasheet
677Kb / 46P
Data Path Interface to UTOPIA Level 1 Header Translation Device
More results


Similar Description - IDT77V012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT77V011 ETC1-IDT77V011 Datasheet
742Kb / 43P
Data Path Interface to Utopia Level 2 Translation Device
IDT77V012 ETC1-IDT77V012 Datasheet
677Kb / 46P
Data Path Interface to UTOPIA Level 1 Header Translation Device
IDT77010 ETC1-IDT77010 Datasheet
141Kb / 21P
Data Path Interface to Utopia Level 1 Translation Device
logo
Synaptics Incorporated.
CN8223 CONEXANT-CN8223 Datasheet
1Mb / 161P
ATM Transmitter/Receiver with UTOPIA Interface
logo
Actel Corporation
COREU1PHY-XX ACTEL-COREU1PHY-XX Datasheet
100Kb / 8P
CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1LL-XX ACTEL-COREU1LL-XX Datasheet
103Kb / 8P
CoreU1LL UTOPIA Level 1 Link-Layer Interface
MC-ACT-HDLC-NET ACTEL-MC-ACT-HDLC-NET Datasheet
276Kb / 5P
UTOPIA Level 3 PHY
logo
Texas Instruments
TFB2022A TI1-TFB2022A Datasheet
160Kb / 10P
FUTUREBUS DATA PATH UNIT
logo
Renesas Technology Corp
IDT77010 RENESAS-IDT77010 Datasheet
301Kb / 22P
Data Path Interface (DPI) to Utopia Level 1 Translation Device
June 24, 2002
IDT77V011 RENESAS-IDT77V011 Datasheet
950Kb / 44P
Data Path Interface (DPI) to Utopia Level 2 Translation Device
March 15, 2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com