Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG659YCP Datasheet (PDF) - Analog Devices

ADG659YCP Datasheet PDF - Analog Devices
Part # ADG659YCP
Download  ADG659YCP Download
File Size   395.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers

ADG659YCP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG659YCP Datasheet PDF - Analog Devices

Part # ADG659YCP
Download  ADG659YCP Click to download

File Size   395.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers

ADG659YCP Datasheet (HTML) - Analog Devices


ADG659YCP Product details

GENERAL DESCRIPTION
The ADG658 and ADG659 are low voltage, CMOS analog multiplexers comprised of eight single channels and four differential channels, respectively. The ADG658 switches one of eight inputs (S1–S8) to a common output, D, as determined by the 3-bit binary address lines A0, A1, and A2. The ADG659 switches one of four differential inputs to a common differential output, as determined by the 2-bit binary address lines A0 and A1. An EN input on both devices is used to enable or disable the device. When disabled, all channels are switched off.

FEATURES
   ±2 V to ±6 V dual supply
   2 V to 12 V single supply
   Automotive temperature range −40°C to +125°C
   <0.1 nA leakage currents
   45 Ω on resistance over full signal range
   Rail-to-rail switching operation
   Single 8-to-1 multiplexer ADG658
   Differential 4-to-1 multiplexer ADG659
   16-lead LFCSP/TSSOP/QSOP packages
   Typical power consumption <0.1 μW
   TTL/CMOS compatible inputs
   Package upgrades to 74HC4051/74HC4052 and
      MAX4051/MAX4052/MAX4581/MAX4582

APPLICATIONS
   Automotive applications
   Automatic test equipment
   Data acquisition systems
   Battery-powered systems
   Communication systems
   Audio and video signal routing
   Relay replacement
   Sample-and-hold systems
   Industrial control systems




Similar Part No. - ADG659YCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG659YCP AD-ADG659YCP Datasheet
452Kb / 20P
3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG659YCPZ-REEL71 AD-ADG659YCPZ-REEL71 Datasheet
452Kb / 20P
3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG659YCPZ1 AD-ADG659YCPZ1 Datasheet
452Kb / 20P
3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
More results


Similar Description - ADG659YCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG608 AD-ADG608 Datasheet
158Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV.A
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com