Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF80C31BH3-16P Datasheet (PDF) - NXP Semiconductors

PCF80C31BH3-16P Datasheet PDF - NXP Semiconductors
Part # PCF80C31BH3-16P
Download  PCF80C31BH3-16P Download
File Size   411.25 Kbytes
Page   30 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CMOS single-chip 8-bit microcontrollers

PCF80C31BH3-16P Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF80C31BH3-16P Datasheet PDF - NXP Semiconductors

Part # PCF80C31BH3-16P
Download  PCF80C31BH3-16P Click to download

File Size   411.25 Kbytes
Page   30 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CMOS single-chip 8-bit microcontrollers

PCF80C31BH3-16P Datasheet (HTML) - NXP Semiconductors


PCF80C31BH3-16P Product details

DESCRIPTION

The Philips 8XC51/31 is a high-performance static 80C51 design fabricated with Philips high-density CMOS technology with operation from 2.7V to 5.5V.

The 8XC51/31 contains a 4k × 8 ROM, a 128 × 8 RAM, 32 I/O lines, three 16-bit counter/timers, a six-source, four-priority level nested interrupt structure, a serial I/O port for either multi-processor communications, I/O expansion or full duplex UART, and on-chip oscillator and clock circuits.



FEATURES

• 8051 Central Processing Unit

   – 4k × 8 ROM (80C51)

   – 128 × 8 RAM

   – Three 16-bit counter/timers

   – Boolean processor

   – Full static operation

   – Low voltage (2.7V to 5.5V@ 16MHz) operation

• Memory addressing capability

   – 64k ROM and 64k RAM

• Power control modes:

   – Clock can be stopped and resumed

   – Idle mode

   – Power-down mode

• CMOS and TTL compatible

• TWO speed ranges at VCC = 5V

   – 0 to 16MHz

   – 0 to 33MHz

• Three package styles

• Extended temperature ranges

• Dual Data Pointers

• Security bits:

   – ROM (2 bits)

   – OTP/EPROM (3 bits)

• Encryption array—64 bytes

• 4 level priority interrupt

• 6 interrupt sources

• Four 8-bit I/O ports

• Full–duplex enhanced UART

   – Framing error detection

   – Automatic address recognition

• Programmable clock out

• Asynchronous port reset

• Low EMI (inhibit ALE)

• Wake-up from Power Down by an external interrupt (8XC51)



 




Similar Part No. - PCF80C31BH3-16P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF80C562-12WP PHILIPS-PCF80C562-12WP Datasheet
199Kb / 20P
Single-chip 8-bit microcontroller
1992 Jan 08
More results


Similar Description - PCF80C31BH3-16P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
CMOS single-chip 8-bit microcontrollers
1997 Dec 05
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C51FA PHILIPS-87C51FA Datasheet
19Kb / 1P
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com