Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1113 Datasheet (PDF) - Renesas Technology Corp

HFA1113 Datasheet PDF - Renesas Technology Corp
Part # HFA1113
Download  HFA1113 Download
File Size   955.88 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier

HFA1113 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1113 Datasheet PDF - Renesas Technology Corp

Part # HFA1113
Download  HFA1113 Click to download

File Size   955.88 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier

HFA1113 Datasheet (HTML) - Renesas Technology Corp


HFA1113 Product details

Features
• User Programmable Output Voltage Limiting
• User Programmable For Closed-Loop Gains of +1, -1 or
+2 Without Use of External Resistors
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . . . . . . 850MHz
• Excellent Gain Flatness (to 100MHz). . . . . . . . . . 0.07dB
• Low Differential Gain and Phase . . . 0.02%/0.04 Degrees
• Low Distortion (HD3, 30MHz) . . . . . . . . . . . . . . . . -73dBc
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . 2400V/s
• Fast Settling Time (0.1%). . . . . . . . . . . . . . . . . . . . . 13ns
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Excellent Gain Accuracy . . . . . . . . . . . . . . . . . . . 0.99V/V
• Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . . . . <1ns
• Standard Operational Amplifier Pinout
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• RF/IF Processors
• Driving Flash A/D Converters
• High-Speed Communications
• Impedance Transformation
• Line Driving
• Video Switching and Routing
• Radar Systems
• Medical Imaging Systems




Similar Part No. - HFA1113

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
HFA1113 INTERSIL-HFA1113 Datasheet
490Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
HFA1113/883 INTERSIL-HFA1113/883 Datasheet
568Kb / 22P
Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
July 1994
HFA1113883 INTERSIL-HFA1113883 Datasheet
568Kb / 22P
Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
July 1994
HFA1113EVAL INTERSIL-HFA1113EVAL Datasheet
252Kb / 17P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
More results


Similar Description - HFA1113

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
HFA1112 INTERSIL-HFA1112 Datasheet
243Kb / 14P
850MHz, Low Distortion Programmable Gain Buffer Amplifiers
December 2000
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
HFA1112 INTERSIL-HFA1112_05 Datasheet
481Kb / 14P
850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
July 15, 2005
HFA-1112IP INTERSIL-HFA-1112IP Datasheet
488Kb / 14P
850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
HFA1112IPZ INTERSIL-HFA1112IPZ Datasheet
488Kb / 14P
850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
HFA1112IP INTERSIL-HFA1112IP Datasheet
484Kb / 14P
850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com