Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1130 Datasheet (PDF) - Renesas Technology Corp

HFA1130 Datasheet PDF - Renesas Technology Corp
Part # HFA1130
Download  HFA1130 Download
File Size   710.61 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier

HFA1130 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1130 Datasheet PDF - Renesas Technology Corp

Part # HFA1130
Download  HFA1130 Click to download

File Size   710.61 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier

HFA1130 Datasheet (HTML) - Renesas Technology Corp


HFA1130 Product details

The HFA1130 is a high speed wideband current feedback amplifier featuring programmable output limits. Built with Intersil’s proprietary complementary bipolar UHF-1 process, it is the fastest monolithic amplifier available from any semiconductor manufacturer.

Features
• User Programmable Output Voltage Limits
• Low Distortion (30MHz, HD2) . . . . . . . . . . . . . . . . -56dBc
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 850MHz
• Very Fast Slew Rate. . . . . . . . . . . . . . . . . . . . . . 2300V/µs
• Fast Settling Time (0.1%). . . . . . . . . . . . . . . . . . . . . . 11ns
• Excellent Gain Flatness
    - (100MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.14dB
    - (50MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.04dB
    - (30MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.01dB
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . . . . <1ns
• Pb-Free (RoHS Compliant)

Applications
• Residue Amplifier
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Flash A/D Driver
• Medical Imaging Systems
• Related Literature
    - AN9420, Current Feedback Theory
    - AN9202, HFA11XX Evaluation Fixture




Similar Part No. - HFA1130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130 Datasheet
378Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
July 15, 2005
HFA1130 INTERSIL-HFA1130 Datasheet
381Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
HFA1130883 INTERSIL-HFA1130883 Datasheet
865Kb / 19P
Output Clamping, 850MHz Current Feedback Amplifier
July 1994
HFA1130EVAL INTERSIL-HFA1130EVAL Datasheet
162Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Similar Description - HFA1130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
July 15, 2005
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com