Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1100IP Datasheet (PDF) - Intersil Corporation

HFA1100IP Datasheet PDF - Intersil Corporation
Part # HFA1100IP
Download  HFA1100IP Download
File Size   340.14 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 850MHz, Low Distortion Current Feedback Operational Amplifiers

HFA1100IP Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1100IP Datasheet PDF - Intersil Corporation

Part # HFA1100IP
Download  HFA1100IP Click to download

File Size   340.14 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 850MHz, Low Distortion Current Feedback Operational Amplifiers

HFA1100IP Datasheet (HTML) - Intersil Corporation


HFA1100IP Product details

The HFA1100 is a high-speed, wideband, fast settling
current feedback amplifier built with Intersil's proprietary
complementary bipolar UHF-1 process. It operates with
single supply voltages as low as 4.5V (see Application
Information section).
The HFA1100 is a basic op amp with uncommitted pins 1, 5,
and 8.
This device offers a significant performance improvement
over the AD811, AD9617/18, the CLC400-409, and the
EL2070, EL2073, EL2030.

Features
• Low Distortion (30MHz, HD2) . . . . . . . . . . . . . . . . -56dBc
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 850MHz
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . 2300V/µs
• Fast Settling Time (0.1%). . . . . . . . . . . . . . . . . . . . . 11ns
• Excellent Gain Flatness
- (100MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.14dB
- (50MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.04dB
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . . . <10ns
• Operates with 5V Single Supply (See AN9745)
• Pb-Free Available (RoHS Compliant)

Applications
• Video Switching and Routing
• Pulse and Video Amplifiers
• RF/IF Signal Processing
• Flash A/D Driver
• Medical Imaging Systems
• Related Literature
- AN9420, Current Feedback Theory
- AN9202, HFA11XX Evaluation Fixture
- AN9745, Single 5V Supply Operation




Similar Part No. - HFA1100IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
134Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1100IP INTERSIL-HFA1100IP Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100IP RENESAS-HFA1100IP Datasheet
594Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Similar Description - HFA1100IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
July 15, 2005
logo
Texas Instruments
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
High-voltage, Low-distortion, Current-feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com