Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1100 Datasheet (PDF) - Renesas Technology Corp

HFA1100 Datasheet PDF - Renesas Technology Corp
Part # HFA1100
Download  HFA1100 Download
File Size   594.45 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 850MHz, Low Distortion Current Feedback Operational Amplifiers

HFA1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1100 Datasheet PDF - Renesas Technology Corp

Part # HFA1100
Download  HFA1100 Click to download

File Size   594.45 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 850MHz, Low Distortion Current Feedback Operational Amplifiers

HFA1100 Datasheet (HTML) - Renesas Technology Corp


HFA1100 Product details

The HFA1100 is a high-speed, wideband, fast settling current feedback amplifier built with Intersils proprietary complementary bipolar UHF-1 process. It operates with single supply voltages as low as 4.5V (see Application Information section).

Features
• Low Distortion (30MHz, HD2) . . . . . . . . . . . . . . . . -56dBc
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 850MHz
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . 2300V/μs
• Fast Settling Time (0.1%). . . . . . . . . . . . . . . . . . . . . 11ns
• Excellent Gain Flatness
    - (100MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.14dB
    - (50MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.04dB
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . . . <10ns
• Operates with 5V Single Supply (See AN9745)
• Pb-Free Available (RoHS Compliant)

Applications
• Video Switching and Routing
• Pulse and Video Amplifiers
• RF/IF Signal Processing
• Flash A/D Driver
• Medical Imaging Systems
• Related Literature
    - AN9420, Current Feedback Theory
    - AN9202, HFA11XX Evaluation Fixture
    - AN9745, Single 5V Supply Operation




Similar Part No. - HFA1100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1100 INTERSIL-HFA1100 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1100 INTERSIL-HFA1100 Datasheet
340Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1100/883 INTERSIL-HFA1100/883 Datasheet
402Kb / 16P
850MHz Current Feedback Amplifier
July 1994
HFA1100883 INTERSIL-HFA1100883 Datasheet
402Kb / 16P
850MHz Current Feedback Amplifier
July 1994
More results


Similar Description - HFA1100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
July 15, 2005
logo
Texas Instruments
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
High-voltage, Low-distortion, Current-feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com