Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0061AS1 Datasheet (PDF) - Renesas Technology Corp

HIP0061AS1 Datasheet PDF - Renesas Technology Corp
Part # HIP0061AS1
Download  HIP0061AS1 Download
File Size   538.4 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array

HIP0061AS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP0061AS1 Datasheet PDF - Renesas Technology Corp

Part # HIP0061AS1
Download  HIP0061AS1 Click to download

File Size   538.4 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array

HIP0061AS1 Datasheet (HTML) - Renesas Technology Corp


HIP0061AS1 Product details

Features
• Three 3.5A Power MOS N-Channel Transistors
• Output Voltage to 60V
• rDS(ON). . . . . . 0.225 Max Per Transistor at VGS = 10V
• Pulsed Current . . . . . . . . . . . . . . . 10A Each Transistor
• Avalanche Energy. . . . . . . . . . . 100mJ Each Transistor
• Grounded Tab Eliminates Heat Sink Isolation
Applications
• Automotive
• Appliance
• Industrial Control
• Robotics
• Relay, Solenoid, Lamp Drivers




Similar Part No. - HIP0061AS1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0061AS1 INTERSIL-HIP0061AS1 Datasheet
60Kb / 9P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
More results


Similar Description - HIP0061AS1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
logo
Intersil Corporation
HIP0061 INTERSIL-HIP0061 Datasheet
60Kb / 9P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
logo
Texas Instruments
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
logo
Pan Jit International I...
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
Rohm
RQ6L035AT ROHM-RQ6L035AT Datasheet
2Mb / 14P
Pch -60V -3.5A Power MOSFET
logo
Pan Jit International I...
PJT7605-AU PANJIT-PJT7605-AU Datasheet
776Kb / 9P
60V Complementary Enhancement Mode MOSFET – ESD Protected
November 5,2021
2N7002KW-AU PANJIT-2N7002KW-AU Datasheet
629Kb / 6P
60V N-Channel Enhancement Mode MOSFET – ESD Protected
October 27,2017-REV.01
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com