Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0061 Datasheet (PDF) - Intersil Corporation

HIP0061 Datasheet PDF - Intersil Corporation
Part # HIP0061
Download  HIP0061 Download
File Size   60.12 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array

HIP0061 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP0061 Datasheet PDF - Intersil Corporation

Part # HIP0061
Download  HIP0061 Click to download

File Size   60.12 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array

HIP0061 Datasheet (HTML) - Intersil Corporation


HIP0061 Product details

Description
The HIP0061 is a power MOSFET array that consists of three matched N-Channel enhancement mode MOS transistors connected in a common source configuration. The advanced Harris PASIC2 process technology used in this product utilizes efficient geometries that provides outstand ing device performance and ruggedness.
The HIP0061 is designed to integrate three power devices in one chip thus providing board layout area and heat sink savings for applications such as Motor Controls, Lamps, Solenoids and Resistive Loads.

Features
• Three 3.5A Power MOS N-Channel Transistors
• Output Voltage to 60V
• rDS(ON) . . . . . 0.225Ω Max Per Transistor at VGS = 10V
• Pulsed Current . . . . . . . . . . . . . . . .10A Each Transistor
• Avalanche Energy . . . . . . . . . . 100mJ Each Transistor
• Grounded Tab Eliminates Heat Sink Isolation

Applications
• Automotive
• Appliance
• Industrial Control
• Robotics
• Relay, Solenoid, Lamp Drivers




Similar Part No. - HIP0061

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0061 RENESAS-HIP0061 Datasheet
538Kb / 10P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
HIP0061AS1 RENESAS-HIP0061AS1 Datasheet
538Kb / 10P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
HIP0061AS2 RENESAS-HIP0061AS2 Datasheet
538Kb / 10P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
More results


Similar Description - HIP0061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
logo
Pan Jit International I...
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
Rohm
RQ6L035AT ROHM-RQ6L035AT Datasheet
2Mb / 14P
Pch -60V -3.5A Power MOSFET
logo
Pan Jit International I...
PJT7605-AU PANJIT-PJT7605-AU Datasheet
776Kb / 9P
60V Complementary Enhancement Mode MOSFET – ESD Protected
November 5,2021
2N7002KW-AU PANJIT-2N7002KW-AU Datasheet
629Kb / 6P
60V N-Channel Enhancement Mode MOSFET – ESD Protected
October 27,2017-REV.01
logo
Renesas Technology Corp
HIP0061 RENESAS-HIP0061 Datasheet
538Kb / 10P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com