Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2210 Datasheet (PDF) - Renesas Technology Corp

HIP2210 Datasheet PDF - Renesas Technology Corp
Part # HIP2210
Download  HIP2210 Download
File Size   603.82 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time

HIP2210 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP2210 Datasheet PDF - Renesas Technology Corp

Part # HIP2210
Download  HIP2210 Click to download

File Size   603.82 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time

HIP2210 Datasheet (HTML) - Renesas Technology Corp


HIP2210 Product details

Features
• HIP2211 drop-in replacement for the ISL2111 and
HIP2101 8 Ld SOIC, 8 Ld DFN, and 10 Ld TDFN
packages
• 115VDC bootstrap supply maximum voltage
supports 100V on the half-bridge
• 3A source and 4A sink gate drivers for NMOS FETs
• Fast propagation delay and matching: 15ns typical
delay; 2ns typical matching (HIP2211)
• Integrated 0.5Ω typical bootstrap diode
• Wide 6V to 18V operating voltage range
• VDD and boot Undervoltage Lockout (UVLO)
• Robust noise tolerance: wide hysteresis at inputs;
HS pin tolerates up to -10V continuous
• HIP2211: HI/LI inputs 3.3V logic compatible with
VDD voltage tolerance
• HIP2210: Tri-Level PWM input with logic threshold
levels set by external VREF pin from 2.7V to 5.5V
• HIP2210: Programmable dead time prevents
shoot-through; adjustable from 35ns to 350ns with a
single resistor
Applications
• Telecom half-bridge and full-bridge DC/DC
converters
• 3-phase BLDC motor driver; H-Bridge motor driver
• Two-switch forward and active clamp converters
• Multiphase PWM DC/DC controllers
• Class-D amplifiers




Similar Part No. - HIP2210

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2060 INTERSIL-HIP2060 Datasheet
59Kb / 8P
60V, 10A Half Bridge Power MOSFET Array
April 1998
logo
Renesas Technology Corp
HIP2060 RENESAS-HIP2060 Datasheet
464Kb / 7P
60V, 10A Half Bridge Power MOSFET Array
April 1998
logo
Intersil Corporation
HIP2060AS1 INTERSIL-HIP2060AS1 Datasheet
59Kb / 8P
60V, 10A Half Bridge Power MOSFET Array
April 1998
logo
Renesas Technology Corp
HIP2060AS1 RENESAS-HIP2060AS1 Datasheet
464Kb / 7P
60V, 10A Half Bridge Power MOSFET Array
April 1998
logo
Intersil Corporation
HIP2060AS2 INTERSIL-HIP2060AS2 Datasheet
59Kb / 8P
60V, 10A Half Bridge Power MOSFET Array
April 1998
More results


Similar Description - HIP2210

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2120 INTERSIL-HIP2120 Datasheet
418Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
December 23, 2011
ISL78420 INTERSIL-ISL78420 Datasheet
373Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
September 24, 2012
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL78420ARTBZ-T INTERSIL-ISL78420ARTBZ-T Datasheet
374Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
January 24, 2014
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL78420AVEZ INTERSIL-ISL78420AVEZ Datasheet
608Kb / 18P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
November 6, 2014
logo
Renesas Technology Corp
HIP2120 RENESAS-HIP2120 Datasheet
712Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL78420 RENESAS-ISL78420 Datasheet
951Kb / 19P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
ISL78424 RENESAS-ISL78424 Datasheet
1Mb / 34P
100V Boot, 4A Peak, Half-Bridge Driver with Single PWM Input and Adaptive Dead Time Control
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com