Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6502B Datasheet (PDF) - Renesas Technology Corp

HIP6502B Datasheet PDF - Renesas Technology Corp
Part # HIP6502B
Download  HIP6502B Download
File Size   742.16 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiple Linear Power Controller with ACPI Control Interface

HIP6502B Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6502B Datasheet PDF - Renesas Technology Corp

Part # HIP6502B
Download  HIP6502B Click to download

File Size   742.16 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiple Linear Power Controller with ACPI Control Interface

HIP6502B Datasheet (HTML) - Renesas Technology Corp


HIP6502B Product details

Features
• Provides 5 ACPI-Controlled Voltages
- 5VDUAL USB/Keyboard/Mouse (Active/Sleep)
- 3.3VDUAL/3.3VSB PCI/Auxiliary/LAN (Active/Sleep)
- 2.5VMEM RDRAM (Active/Sleep)
- 3.3VMEM SDRAM (Active/Sleep)
- 2.5VCLK Clock/Processor Terminations (Active Only)
• Excellent Output Voltage Regulation
- 3.3VDUAL/3.3VSB Output: 2.0% Over Temperature;
Sleep State Only
- 2.5VMEM and 3.3VMEM Output: 2.0% Over
Temperature; Both Operational States (3.3VMEM in
Sleep Only)
- 2.5VCLK Output: 2.0% Over Temperature
• Small Size
- Very Low External Component Count
• Dual Memory Voltage Support Via MSEL Pin
- 2.5V for RDRAM Memory
- 3.3V for SDRAM Memory
- Both 2.5V and 3.3V for Flexible Systems
• Under-Voltage Monitoring of All Outputs with Centralized
FAULT Reporting and Temperature Shutdown
Applications
• Motherboard Power Regulation for ACPI-Compliant
Computers




Similar Part No. - HIP6502B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6502BCB INTERSIL-HIP6502BCB Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6502BEVAL1 INTERSIL-HIP6502BEVAL1 Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
More results


Similar Description - HIP6502B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
1999 12
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com