Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1526 Datasheet (PDF) - Renesas Technology Corp

ICS1526 Datasheet PDF - Renesas Technology Corp
Part # ICS1526
Download  ICS1526 Download
File Size   214.95 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Integrated Device Technology, Inc.

ICS1526 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1526 Datasheet PDF - Renesas Technology Corp

Part # ICS1526
Download  ICS1526 Click to download

File Size   214.95 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Integrated Device Technology, Inc.

ICS1526 Datasheet (HTML) - Renesas Technology Corp


ICS1526 Product details

General Description
The ICS1526 is a low-cost, high-performance
frequency generator. It is suited to general purpose
phase controlled clock synthesis as well as
line-locked and genlocked high-resolution video
applications. Using IDT’s advanced low-voltage
CMOS mixed-mode technology, the ICS1526 is an
effective clock synthesizer that supports video
projectors and displays at resolutions from VGA to
beyond XGA.
The ICS1526 offers single-ended clock outputs to 110
MHz. The HSYNC_out, and VSYNC_out pins provide
the regenerated versions of the HSYNC and VSYNC
inputs synchronous to the CLK output.
The advanced PLL uses its internal programmable
feedback divider. The device is programmed by a
standard I2C-bus™ serial interface and is available in
a TSSOP16 package.

Features
• Lead-free packaging (Pb-free)
• Low jitter (typical 27 ps short term jitter)
• Wide input frequency range
• 8 kHz to 100 MHz
• LVCMOS single-ended clock outputs
• Up to 110 MHz
• Uses 3.3 V power supply
• 5 Volt tolerant Inputs (HSYNC, VSYNC)
• Coast (ignore HSYNC) capability via VSYNC pin
• Industry standard I2C-bus programming interface
• PLL Lock detection via I2C or LOCK output pin
• 16-pin TSSOP package




Similar Part No. - ICS1526

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1526 ICST-ICS1526 Datasheet
611Kb / 11P
Video Clock Synthesizer
Revision 020304
ICS1526GLF ICST-ICS1526GLF Datasheet
611Kb / 11P
Video Clock Synthesizer
Revision 020304
ICS1526GLFTR ICST-ICS1526GLFTR Datasheet
611Kb / 11P
Video Clock Synthesizer
Revision 020304
More results


Similar Description - ICS1526

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0709 ETC-A0709 Datasheet
145Kb / 1P
CIRCUIT INTERRUPTION TECHNOLOGY INC
logo
Aplus Intergrated Circu...
AIVR3K APLUS-AIVR3K Datasheet
342Kb / 11P
APLUS INTEGRATED CIRCUITS INC
logo
List of Unclassifed Man...
OSTTE030104 ETC2-OSTTE030104 Datasheet
113Kb / 1P
ON-SHORE TECHNOLOGY, INC
USB-A1HSW6 ETC-USB-A1HSW6 Datasheet
79Kb / 1P
ON-SHORE TECHNOLOGY,INC
logo
Aplus Intergrated Circu...
AP8910A1 APLUS-AP8910A1_15 Datasheet
218Kb / 18P
Integrated Circuits Inc
AP8921A APLUS-AP8921A_15 Datasheet
218Kb / 18P
APLUS INTEGRATED CIRCUITS INC
AP89021 APLUS-AP89021_15 Datasheet
236Kb / 18P
APLUS INTEGRATED CIRCUITS INC
AP89085 APLUS-AP89085_15 Datasheet
359Kb / 24P
Integrated Circuits Inc.
AP89170 APLUS-AP89170_15 Datasheet
359Kb / 24P
Integrated Circuits Inc.
AP89341 APLUS-AP89341_15 Datasheet
359Kb / 24P
Integrated Circuits Inc
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com