Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1526 Datasheet (PDF) - Integrated Circuit Systems

ICS1526 Datasheet PDF - Integrated Circuit Systems
Part # ICS1526
Download  ICS1526 Download
File Size   611.57 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Video Clock Synthesizer

ICS1526 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1526 Datasheet PDF - Integrated Circuit Systems

Part # ICS1526
Download  ICS1526 Click to download

File Size   611.57 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Video Clock Synthesizer

ICS1526 Datasheet (HTML) - Integrated Circuit Systems


ICS1526 Product details

General Description
The ICS1526 is a low-cost, high-performance frequency generator. It is suited to general purpose phase controlled clock synthesis as well as line-locked and genlocked high-resolution video applications. Using ICS’s advanced low-voltage CMOS mixed-mode technology, the ICS1526 is an effective clock synthesizer that supports video projectors and displays at resolutions from VGA to beyond XGA.

Features
• Lead-free packaging (Pb-free)
• Low jitter (typical 27 ps short term jitter)
• Wide input frequency range
    • 8 kHz to 100 MHz
• LVCMOS single-ended clock outputs
    • Up to 200 MHz
• Uses 3.3 V power supply
• 5 Volt tolerant Inputs (HSYNC, VSYNC)
• Coast (ignore HSYNC) capability via VSYNC pin
• Industry standard I2C-bus programming interface
• PLL Lock detection via I2C or LOCK output pin
• 16-pin TSSOP package

Applications
• Frequency synthesis
• LCD monitors, video projectors and plasma displays
• Genlocking multiple video subsystems




Similar Part No. - ICS1526

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1526 RENESAS-ICS1526 Datasheet
214Kb / 11P
Integrated Device Technology, Inc.
Revision 051310
More results


Similar Description - ICS1526

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1523 ICST-ICS1523 Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
HDTV Clock Synthesizer
Revision 081199
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
Video Clock Synthesizer
Revision 110905
logo
Integrated Device Techn...
ICS1523 IDT-ICS1523 Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
PECL CLOCK SYNTHESIZER
041905
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
NETWORKING CLOCK SYNTHESIZER
012313
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com