Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS667-01 Datasheet (PDF) - Renesas Technology Corp

ICS667-01 Datasheet PDF - Renesas Technology Corp
Part # ICS667-01
Download  ICS667-01 Download
File Size   312.55 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HDTV CLOCK SYNTHESIZER

ICS667-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS667-01 Datasheet PDF - Renesas Technology Corp

Part # ICS667-01
Download  ICS667-01 Click to download

File Size   312.55 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HDTV CLOCK SYNTHESIZER

ICS667-01 Datasheet (HTML) - Renesas Technology Corp


ICS667-01 Product details

Features
• Packaged in 8-pin SOIC
• Pb (lead) free package, RoHS compliant
• Input frequency of 27 MHz
• Zero ppm synthesis error in output clock
• 3.3 V ±5% operating supply
• Ideal for HDTV applications and oscillator manufacturers
• Advanced, low power, sub-micron CMOS process




Similar Part No. - ICS667-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS667-01 ICST-ICS667-01 Datasheet
130Kb / 5P
HDTV CLOCK SYNTHESIZER
Revision 031605
More results


Similar Description - ICS667-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
HDTV Set-Top Clock Source
Revision 051600
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
HDTV Clock Synthesizer
Revision 081199
MK2716 ICST-MK2716 Datasheet
57Kb / 4P
HDTV Clock Synthesizer
Revision 062599
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS667-01 ICST-ICS667-01 Datasheet
130Kb / 5P
HDTV CLOCK SYNTHESIZER
Revision 031605
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com