Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS627-01 Datasheet (PDF) - Integrated Circuit Systems

ICS627-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS627-01
Download  ICS627-01 Download
File Size   42.33 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description HDTV Set-Top Clock Source

ICS627-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS627-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS627-01
Download  ICS627-01 Click to download

File Size   42.33 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description HDTV Set-Top Clock Source

ICS627-01 Datasheet (HTML) - Integrated Circuit Systems


ICS627-01 Product details

Description
The ICS627-01 is a low cost, low jitter, high  performance clock synthesizer which can generate  frequencies required for HDTV receivers and settop boxes. Using ICS’s patented analog/digital  Phase-Locked Loop (PLL) techniques, the device  uses an inexpensive fundamental 27 MHz crystal  input to produce low jitter HDTV pixel clocks. It  has a separate input for a 1001/1000 or  2(1001/1000) conversion from a 13.5 MHz,  27 MHz or 54 MHz input.

Features
• Packaged in 28 pin SSOP (QSOP)
• HDTV frequencies of 74.25 and 74.175824 MHz
• Provides selectable B clock for 27.027 MHz or
   other 1001/1000
• Uses a fundamental 27 MHz crystal or clock input
• All frequencies are generated exactly (zero ppm
  synthesis error)
• Full CMOS output swings with 12 mA output
   drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 3.3 V ±5% operating supply




Similar Part No. - ICS627-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS620-01 ICST-ICS620-01 Datasheet
64Kb / 4P
Digital Still Camera Clock Source
Revision 072098
ICS620-01R ICST-ICS620-01R Datasheet
64Kb / 4P
Digital Still Camera Clock Source
Revision 072098
ICS620-01RT ICST-ICS620-01RT Datasheet
64Kb / 4P
Digital Still Camera Clock Source
Revision 072098
logo
Integrated Device Techn...
ICS621 IDT-ICS621 Datasheet
226Kb / 10P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621 IDT-ICS621 Datasheet
118Kb / 10P
LOW SKEW 1 TO 4 CLOCK BUFFER
More results


Similar Description - ICS627-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
Set-Top Box Clock Source
Revision 052098
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
VCXO and Set-Top Clock Source
Revision 061699
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
VCXO and Set-Top Clock Source
Revision 110298
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 122899
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 012098
MK3771-17 ICST-MK3771-17 Datasheet
182Kb / 8P
VCXO and HDTV Set-Top Clock Source
Revision 083104
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK3771-17 RENESAS-MK3771-17 Datasheet
389Kb / 10P
VCXO AND HDTV SET-TOP CLOCK SOURCE
051310
MK2761A RENESAS-MK2761A Datasheet
343Kb / 8P
SET-TOP CLOCK SOURCE
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com