Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS615 Datasheet (PDF) - Integrated Circuit Systems

ICS615 Datasheet PDF - Integrated Circuit Systems
Part # ICS615
Download  ICS615 Download
File Size   57.38 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Set-Top Box Clock Source

ICS615 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS615 Datasheet PDF - Integrated Circuit Systems

Part # ICS615
Download  ICS615 Click to download

File Size   57.38 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Set-Top Box Clock Source

ICS615 Datasheet (HTML) - Integrated Circuit Systems


ICS615 Product details

Description
The ICS615 is a low cost, low jitter, high performance PLL clock synthesizer designed to replace 13.5, 27, and 54MHz crystals and oscillators. Using analog/digital Phase-Locked Loop (PLL) techniques, the device uses an inexpensive external 13.5 MHz crystal or clock input to produce output clocks of 13.5 MHz, 27 MHz, and 54 MHz .

Features
 • Packaged in 8 pin narrow SOIC
 • Output clocks of 54, 27, and 13.5MHz
 • Uses a 13.500 MHz clock or external crystal
 • Full CMOS outputs with 25mA output drive capability at TTL levels
 • Low skew outputs
 • Advanced, low power, sub-micron CMOS process
 • +3.3V or +5V operating voltage
 • See the MK2720 for these frequencies plus the VCXO function, in an 8 pin SOIC.




Similar Part No. - ICS615

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS613M ICST-ICS613M Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS613MLF ICST-ICS613MLF Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS613MLFT ICST-ICS613MLFT Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS613MT ICST-ICS613MT Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
More results


Similar Description - ICS615

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
HDTV Set-Top Clock Source
Revision 051600
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
VCXO and Set-Top Clock Source
Revision 061699
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
VCXO and Set-Top Clock Source
Revision 110298
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 122899
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
VCXO and Set-Top Clock Source
Revision 102099
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 012098
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
VCXO and Set-Top Clock Source
102704
MK2761A RENESAS-MK2761A Datasheet
343Kb / 8P
SET-TOP CLOCK SOURCE
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com