Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS615 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS615
Description  Set-Top Box Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS615 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS615 Datasheet HTML 1Page - Integrated Circuit Systems ICS615 Datasheet HTML 2Page - Integrated Circuit Systems ICS615 Datasheet HTML 3Page - Integrated Circuit Systems ICS615 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS615
Set-Top Box Clock Source
MDS 615 A
3
Revision 052098
Printed 11/15/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
PRELIMINARY INFORMATION
I C R O
C LOC K
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5.0V unless noted)
DC CHARACTERISTICS (VDD = 5.0V unless noted)
Operating Voltage, VDD
3.00
5.50
V
Output High Voltage, VOH
IOH=-4mA
2.4
V
Output Low Voltage, VOL
IOL=4mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-4mA
VDD-0.4
V
Operating Supply Current, IDD
No Load
30
mA
Short Circuit Current
±30
mA
AC CHARACTERISTICS (VDD = 5.0V unless noted)
AC CHARACTERISTICS (VDD = 5.0V unless noted)
Input Clock
13.5
MHz
Output Clock Rise Time
0.4 to 2.4V, CL=25pF
1.5
2.5
ns
Output Clock Fall Time
2.4 to 0.4V, CL=25pF
1.5
2.5
ns
Output Clock Duty Cycle
At 1.4V
45
50
55
%
Skew between any two outputs
1
ns
Maximum Absolute Jitter, short term
250
ps
Electrical Specifications
Note:
Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
External Components
The ICS615 requires a minimum number of external components for proper operation. A decoupling
capacitor of 0.1µF should be connected between VDD and GND on pins 7 and 2, as close to the ICS615
as possible. A series termination resistor of 33
Ω may be used for the clock outputs. The normal use is with a
clock input into pin 3, with pin 4 left unconnected. For a crystal input, consult ICS/MicroClock.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com