Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS615 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS615
Description  Set-Top Box Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS615 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS615 Datasheet HTML 1Page - Integrated Circuit Systems ICS615 Datasheet HTML 2Page - Integrated Circuit Systems ICS615 Datasheet HTML 3Page - Integrated Circuit Systems ICS615 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ICS615
Set-Top Box Clock Source
MDS 615 A
4
Revision 052098
Printed 11/15/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
PRELIMINARY INFORMATION
I C R O
C LOC K
While the information presented herein has been checked for both accuracy and reliability, ICS/MicroClock assumes no responsibility for either its use or for the infringement of
any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal
commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by ICS/MicroClock. ICS/MicroClock reserves the right to change any circuitry or specifications without notice. ICS/MicroClock
does not authorize or warrant any ICS/MicroClock product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
ICS615M
ICS615M
tubes
8 pin SOIC
0-70°C
ICS615MT
ICS615M
tape and reel
8 pin SOIC
0-70°C
CHANGE HISTORY
Version Date first published
Status
Comments
A
5/20/98
Preliminary
Original
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.055
0.068
1.397
1.7272
b
0.013
0.019
0.330
0.483
D
0.185
0.200
4.699
5.080
E
0.150
0.160
3.810
4.064
H
0.225
0.245
5.715
6.223
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
h
0.015
0.381
Q
0.004
0.01
0.102
0.254
8 pin SOIC
c
A
b
D
E
H
e
h x 45°
Q
Pin 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com