Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS615 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS615
Description  Set-Top Box Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS615 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS615 Datasheet HTML 1Page - Integrated Circuit Systems ICS615 Datasheet HTML 2Page - Integrated Circuit Systems ICS615 Datasheet HTML 3Page - Integrated Circuit Systems ICS615 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS615
Set-Top Box Clock Source
MDS 615 A
1
Revision 052098
Printed 11/15/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
PRELIMINARY INFORMATION
I C R O
C LOC K
Block Diagram
Description
Features
The ICS615 is a low cost, low jitter, high
performance PLL clock synthesizer designed to
replace 13.5, 27, and 54MHz crystals and
oscillators. Using analog/digital Phase-Locked
Loop (PLL) techniques, the device uses an
inexpensive external 13.5 MHz crystal or clock
input to produce output clocks of 13.5 MHz,
27 MHz, and 54 MHz .
ICS/MicroClock manufactures the largest variety
of Set-Top Box and multimedia clock synthesizers
for all applications. Our patented integrated
VCXO further reduces component count and cost
(see the MK2720). If more than three clock
outputs are needed, see the MK277x family of
parts. Consult ICS/MicroClock to eliminate
VCXOs, PLLs, crystals and oscillators from your
board.
• Packaged in 8 pin narrow SOIC
• Output clocks of 54, 27, and 13.5MHz
• Uses a 13.500 MHz clock or external crystal
• Full CMOS outputs with 25mA output drive
capability at TTL levels
• Low skew outputs
• Advanced, low power, sub-micron CMOS process
• +3.3V or +5V operating voltage
• See the MK2720 for these frequencies plus the
VCXO function, in an 8 pin SOIC.
Input
Buffer/
Crystal
Oscillator
PLL/Clock
Synthesis
Circuitry
13.5 MHz
Clock or
Crystal
X1
X2
Output
Buffer
54 MHz Clock
Output
Buffer
13.5 MHz Clock
Output
Buffer
27 MHz Clock
VDD GND


Similar Part No. - ICS615

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS613M ICST-ICS613M Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS613MLF ICST-ICS613MLF Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS613MLFT ICST-ICS613MLFT Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS613MT ICST-ICS613MT Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
More results

Similar Description - ICS615

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
HDTV Set-Top Clock Source
Revision 051600
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
VCXO and Set-Top Clock Source
Revision 061699
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
VCXO and Set-Top Clock Source
Revision 110298
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 122899
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
VCXO and Set-Top Clock Source
Revision 102099
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 012098
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
VCXO and Set-Top Clock Source
102704
MK2761A RENESAS-MK2761A Datasheet
343Kb / 8P
SET-TOP CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com