Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS613MLF Datasheet (PDF) - Integrated Circuit Systems

ICS613MLF Datasheet PDF - Integrated Circuit Systems
Part # ICS613MLF
Download  ICS613MLF Download
File Size   136.15 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW PHASE NOISE CLOCK MULTIPLIER

ICS613MLF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS613MLF Datasheet PDF - Integrated Circuit Systems

Part # ICS613MLF
Download  ICS613MLF Click to download

File Size   136.15 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW PHASE NOISE CLOCK MULTIPLIER

ICS613MLF Datasheet (HTML) - Integrated Circuit Systems


ICS613MLF Product details

Description
The ICS613 is a low cost, low phase noise, high performance clock synthesizer for any applications that require low phase noise and low jitter. It is ICS’ lowest phase noise multiplier. Using ICS’ patented analog and digital Phase Locked Loop (PLL) techniques, the chip can accept a 25MHz crystal or clock input, and produces output clocks up to 157.5 MHz.

Features
• Packaged in 16 pin SOIC
• Available in Pb (lead) free package
• Uses a fundamental 25MHz crystal or clock
• Operating voltage of 3.3 V
• Separate output voltage supplies which can run at 2.5 V or 3.3 V
• Output clocks up to 157.5 MHz
• Low phase noise: -110 dBc/Hz at 10 kHz
• Low jitter of 36 ps (one sigma)
• Advanced, low power, sub-micron CMOS process




Similar Part No. - ICS613MLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS614-01 ICST-ICS614-01 Datasheet
65Kb / 4P
16 pin Intel Graphics Clock Source
Revision 020199
ICS614M-01 ICST-ICS614M-01 Datasheet
65Kb / 4P
16 pin Intel Graphics Clock Source
Revision 020199
ICS614M-01T ICST-ICS614M-01T Datasheet
65Kb / 4P
16 pin Intel Graphics Clock Source
Revision 020199
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
Set-Top Box Clock Source
Revision 052098
ICS615M ICST-ICS615M Datasheet
57Kb / 4P
Set-Top Box Clock Source
Revision 052098
More results


Similar Description - ICS613MLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-02 RENESAS-ICS601-02 Datasheet
355Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
121412
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com