Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS613MLF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS613MLF
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS613MLF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS613MLF Datasheet HTML 1Page - Integrated Circuit Systems ICS613MLF Datasheet HTML 2Page - Integrated Circuit Systems ICS613MLF Datasheet HTML 3Page - Integrated Circuit Systems ICS613MLF Datasheet HTML 4Page - Integrated Circuit Systems ICS613MLF Datasheet HTML 5Page - Integrated Circuit Systems ICS613MLF Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LOW PHASE NOISE CLOCK MULTIPLIER
MDS 613 C
2
Revision 111204
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS613
Pin Assignment
Clock Select Table
Pin Descriptions
12
1
11
2
10
3
9
X1/IC LK
4
S0
5
S2
6
S1
7
VD D
8
GN D
GN D
VD D
GN D
V DDO 2
V DDO 1
GN D
CLK 2
CLK 1
16
15
14
13
GN D
X2
16 P in (150 m il) S O IC
S2
S1
S0
Input
Output (CLK1
and CLK2)
0
0
0
25
125
0
0
1
25
156.25
0
1
0
25
143.75
0
1
1
25
150
1
0
0
25
146.875
1
0
1
25
157.5
1
1
0
25
140
1
1
1
25
156.25
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
XI/ICLK
Input
Crystal Connection. Connect to a 25 MHz crystal or clock.
2
S0
Input
Select pin 0. Internal pull-down.
3
S2
Input
Select pin 2. Internal pull-down.
4
VDD
Power
Connect to +3.3V. Must be the same as pin 13.
5
GND
Power
Connect to ground.
6
VDDO2
Power
Output VDD for CLK2. Connect to either +2.5V or +3.3V.
7
CLK2
Output
CLK2 output. Frequency based on table above.
8
GND
Power
Connect to ground.
9
GND
Power
Connect to ground.
10
CLK1
Output
CLK1 output. Frequency based on table above.
11
VDDO1
Power
Output VDD for CLK1. Connect to either +2.5V or +3.3V.
12
GND
Power
Connect to ground.
13
VDD
Power
Connect to +3.3V. Must be the same as pin 4.
14
GND
Power
Conenct to ground.
15
S1
Input
Select pin 1. Internal pull-up.
16
X2
Input
Crystal Connection. Connect to a 25 MHz crystal. Leave
unconnected for clock input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com