Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1526 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS1526
Description  Video Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1526 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS1526 Datasheet HTML 2Page - Integrated Circuit Systems ICS1526 Datasheet HTML 3Page - Integrated Circuit Systems ICS1526 Datasheet HTML 4Page - Integrated Circuit Systems ICS1526 Datasheet HTML 5Page - Integrated Circuit Systems ICS1526 Datasheet HTML 6Page - Integrated Circuit Systems ICS1526 Datasheet HTML 7Page - Integrated Circuit Systems ICS1526 Datasheet HTML 8Page - Integrated Circuit Systems ICS1526 Datasheet HTML 9Page - Integrated Circuit Systems ICS1526 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MDS 1526 I
6
Revision 020304
Integrated Circuit Systems, 525 Race Street, San Jose, CA 95126, tel (408) 297-1201
www.icst.com
Section 3 Register map summary
ICS1526 Preliminary Data Sheet
07h
Osc_Div
R / W
Osc_Div 0-6
0-6
0
Osc Divider modulus
Minimum 3 =0000001 binary, Maximum 129 = 1111111 binary
Divider setting = 7-bit word + 2
In-Sel
7
0
Input Select
0=HSYNC Input, 1=OSC Input
OSC input clock must be present to select OSC input
08h
Reset
Write
PLL
0-7
x
Writing 5Ah resets PLL and commits values written to word
addresses 01h-03h and 05h
09-0Fh
Reserved
Read
Reserved
0-7
Reserved
10h
Chip Ver
Read
Reserved
0-7
Reserved
11h
Chip Rev
Read
Chip Rev
0-7
01
Reserved
12h
Rd_Reg
Read
Reserved
0
N/A
Reserved
PLL_Lock
1
N/A
PLL Lock Status
0=Unlocked, 1=Locked
Reserved
2-7
0
Reserved
*. Written values to these registers do not take effect immediately, but require a commit via register 08h
Word
Address
Name
Access
Bit Name
Bit#
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com