Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1523 Datasheet (PDF) - Integrated Circuit Systems

ICS1523 Datasheet PDF - Integrated Circuit Systems
Part # ICS1523
Download  ICS1523 Download
File Size   459.79 Kbytes
Page   21 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Video Clock Synthesizer with I2C Programmable Delay

ICS1523 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1523 Datasheet PDF - Integrated Circuit Systems

Part # ICS1523
Download  ICS1523 Click to download

File Size   459.79 Kbytes
Page   21 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Video Clock Synthesizer with I2C Programmable Delay

ICS1523 Datasheet (HTML) - Integrated Circuit Systems


ICS1523 Product details

General Description
The ICS1523 is a low-cost, high-performance frequency generator. It is well suited to general purpose phase controlled clock synthesis as well as line-locked and genlocked high-resolution video applications. Using ICS’s advanced low-voltage CMOS mixed-mode technology, the ICS1523 is an effective phase controlled clock synthesizer and also supports video projectors and displays at resolutions from VGA to beyond UXGA.

Features
• Low Jitter
• Wide input frequency range
    • 15.734 kHz to 100 MHz
• PECL differential outputs
    • Up to 250 MHz
• SSTL_3 Single-ended clock outputs
    • Up to 150 MHz
• Dynamic Phase Adjust (DPA) for all outputs
    • I2C controlled phase adjustment
    • Full clock cycle down to 1/64 of a clock
• Double-buffered control registers
• External or internal loop filter selection
• COAST input can disable charge pump
• 3.3 VDD
• 5 volt Tolerant Inputs
• Industry Standard I2C-bus programming interface
• PLL Lock detection via I2C or LOCK/REF output pin
• 24-pin 300-mil SOIC package
• Available in Pb-free packaging

Applications
• Frequency synthesis
• LCD monitors, video projectors and plasma displays
• Genlocking multiple video subsystems




Similar Part No. - ICS1523

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1523 IDT-ICS1523 Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
ICS1523M IDT-ICS1523M Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
ICS1523MLF IDT-ICS1523MLF Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
ICS1523MLFT IDT-ICS1523MLFT Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
ICS1523MT IDT-ICS1523MT Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
More results


Similar Description - ICS1523

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1526 ICST-ICS1526 Datasheet
611Kb / 11P
Video Clock Synthesizer
Revision 020304
logo
PhaseLink Corporation
PLL102-108 PLL-PLL102-108 Datasheet
165Kb / 10P
Programmable DDR Zero Delay Clock Driver
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
Programmable DDR Zero Delay Clock Driver
logo
Integrated Circuit Syst...
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
Video Clock Synthesizer
Revision 110905
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
Networking Clock Synthesizer and Zero Delay Buffer
logo
Integrated Device Techn...
ICS1523 IDT-ICS1523 Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
logo
Renesas Technology Corp
ICS680-01 RENESAS-ICS680-01 Datasheet
363Kb / 10P
NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
REV H 051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com