Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1523 Datasheet (PDF) - Integrated Device Technology

ICS1523 Datasheet PDF - Integrated Device Technology
Part # ICS1523
Download  ICS1523 Download
File Size   452.66 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Video Clock Synthesizer with I2C Programmable Delay

ICS1523 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1523 Datasheet PDF - Integrated Device Technology

Part # ICS1523
Download  ICS1523 Click to download

File Size   452.66 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Video Clock Synthesizer with I2C Programmable Delay

ICS1523 Datasheet (HTML) - Integrated Device Technology


ICS1523 Product details

General Description
The ICS1523 is a low-cost, high-performance frequency generator. It is well suited to general purpose phase controlled clock synthesis as well as line-locked and genlocked high-resolution video applications. Using IDT’s advanced low-voltage CMOS mixed-mode technology, the ICS1523 is an effective phase controlled clock synthesizer and also supports video projectors and displays at resolutions from VGA to beyond UXGA.

Features
• Low Jitter
• Wide input frequency range
    • 15.734 kHz to 100 MHz
• PECL differential outputs
    • Up to 250 MHz
• SSTL_3 Single-ended clock outputs
    • Up to 150 MHz
• Dynamic Phase Adjust (DPA) for all outputs
    • I2C controlled phase adjustment
    • Full clock cycle down to 1/64 of a clock
• Double-buffered control registers
• External or internal loop filter selection
• COAST input can disable charge pump
• 3.3 VDD
• 5 volt Tolerant Inputs
• Industry Standard I2C-bus programming interface
• PLL Lock detection via I2C or LOCK/REF output pin
• 24-pin 300-mil SOIC package
• Available in Pb-free packaging

Applications
• Frequency synthesis
• LCD monitors, video projectors and plasma displays
• Genlocking multiple video subsystems




Similar Part No. - ICS1523

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1523 ICST-ICS1523 Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS1523M ICST-ICS1523M Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS1523MLF ICST-ICS1523MLF Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS1523MLFT ICST-ICS1523MLFT Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS1523MT ICST-ICS1523MT Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
More results


Similar Description - ICS1523

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1523 ICST-ICS1523 Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS1526 ICST-ICS1526 Datasheet
611Kb / 11P
Video Clock Synthesizer
Revision 020304
logo
PhaseLink Corporation
PLL102-108 PLL-PLL102-108 Datasheet
165Kb / 10P
Programmable DDR Zero Delay Clock Driver
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
Programmable DDR Zero Delay Clock Driver
logo
Integrated Circuit Syst...
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
Video Clock Synthesizer
Revision 110905
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
Networking Clock Synthesizer and Zero Delay Buffer
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
logo
Renesas Technology Corp
ICS680-01 RENESAS-ICS680-01 Datasheet
363Kb / 10P
NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
REV H 051310
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com