Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1523 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS1523
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1523 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS1523 Datasheet HTML 1Page - Integrated Device Technology ICS1523 Datasheet HTML 2Page - Integrated Device Technology ICS1523 Datasheet HTML 3Page - Integrated Device Technology ICS1523 Datasheet HTML 4Page - Integrated Device Technology ICS1523 Datasheet HTML 5Page - Integrated Device Technology ICS1523 Datasheet HTML 6Page - Integrated Device Technology ICS1523 Datasheet HTML 7Page - Integrated Device Technology ICS1523 Datasheet HTML 8Page - Integrated Device Technology ICS1523 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS ICS1523 Z
3
Revision 052407
Integrated Device Technology, Inc.
Tech Support: www.idt.com/go/clockhelp
ICS1523
MHz even if a low output frequency is required.The
output of the VCOD is the full speed output frequency
seen on the CLK pins.
1.7 Dynamic Phase Adjust (DPA)
The VCOD output clock is then sent through the DPA
for phase adjustment relative to the input HSYNC as
well as the 12-bit internal Feedback Divider. An
external divider may alternately be used and it’s output
must be input on the EXTFB pin. The feedback divider
controls how many clocks are seen during every cycle
of the input reference.
The DPA allows a programmable delay between the
input HSYNC to the clock and FUNC outputs, relative
to the input HSYNC signal on a sub-pixel basis. A delay
of up to one clock period is programmable: See Note 6
in Section 5, “Register Set Details” for more
information.
1.8 Feedback Divider (FD) and FUNC
The 12-bit FD controls how many clocks are seen
between successive HSYNCs.
The number of clocks per HSYNC is FB + 8
The FD output is a 4 CLK wide, active high signal
called FUNC. The FUNC signal is aligned with the
output clocks via the DPA and is intended to be used by
the system as a replacement for the HSYNC input,
which is of in-determinate quality and is not aligned
with the output clocks. Alternately, the post
Schmitt-trigger HSYNC signal can also be DPA
delayed and then output on the FUNC pin. See 0x0:5.
1.9 Phase Frequency Detector (PFD)
The PFD compares the FUNC signal to the selected
input described below and controls the filter voltage by
enabling and disabling the charge pump. The charge
pump has programmable current drive and will source
and sink current as appropriate to keep the input and
the FUNC output aligned.
1.10 HSYNC and REF Inputs
One of the PFDs two possible inputs is HSYNC (pin 7).
HSYNC is conditioned by a high-performance
Schmitt-trigger. This preconditioned HSYNC signal,
called REF, is provided as a reference signal with a
short transition time. REF can be output on pin 14.
1.11 OSC Input
The high-frequency OSC input pin, has a 7-bit user
programmable divider. OSC can also be selected as
the loop input, allowing the loop to operate from any
appropriate, single-ended source, typically a crystal
oscillator.
1.12 FUNC Output
Either the conditioned HSYNC input or the loop output
(recovered HSYNC) is available at the FUNC pin, and
is aligned with the output clocks.
1.13 Logic Inputs
The ICS1523 uses Low-Voltage TTL (LVTTL) inputs
that are 5 volt tolerant such as most VESA compliant
HSYNC and VSYNC signals.
1.14 Output Drivers
The ICS1523 also has SSTL_3 (EIA/JESD8-8) and
low-voltage PECL (Positive ECL) outputs, operating off
the 3.3 V supply voltage.
The SSTL_3 and differential PECL output drivers drive
resistive terminations or transmission lines. At lower
clock frequencies, the SSTL_3 outputs can be
operated unterminated. See Section 9, “Output
Termination”
1.15 Power-On Reset Detection (POR)
The ICS1523 has automatic POR circuitry, meaning it
resets itself if the supply voltage drops below a
threshold values of approximately 1.8 V. No external
connection to a reset signal is required.
1.16 I2C Bus Serial Interface
The ICS1523 uses a 5 V tolerant, industry-standard
I2C-bus serial interface that runs at either low speed
(100 kHz) or high speed (400 kHz). The interface uses
12 indexed registers: one write-only, eight read/write,
and three read-only registers.
Two ICS1523 devices can be addressed according to
the state of the I2CADR pin. When this pin is low the
read address is 4Dh and the write address is 4Ch.
When the pin is high, the read address is 4Fh and the
write address is 4Eh. See Section 11, “Programming”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com