Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS501A Datasheet (PDF) - Renesas Technology Corp

ICS501A Datasheet PDF - Renesas Technology Corp
Part # ICS501A
Download  ICS501A Download
File Size   215.28 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOCO™ PLL CLOCK MULTIPLIER

ICS501A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS501A Datasheet PDF - Renesas Technology Corp

Part # ICS501A
Download  ICS501A Click to download

File Size   215.28 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOCO™ PLL CLOCK MULTIPLIER

ICS501A Datasheet (HTML) - Renesas Technology Corp


ICS501A Product details

Description
The ICS501A LOCOTM is the most cost effective way to
generate a high quality, high frequency clock output
from a lower frequency crystal or clock input. The name
LOCO stands for Low Cost Oscillator, as it is designed
to replace crystal oscillators in most electronic
systems. Using Phase-Locked Loop (PLL) techniques,
the device uses a standard fundamental mode,
inexpensive crystal to produce output clocks up to 200
MHz.
Stored in the chip’s ROM is the ability to generate nine
different multiplication factors, allowing one chip to
output many common frequencies (see table on page
2).
The device also has an output enable pin which
tri-states the clock output when the OE pin is taken low.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined or guaranteed.
For applications which require defined input to output
skew, use the ICS570B.
Features
• Packaged as 8-pin SOIC (Pb-free) or die
• IDT’s lowest cost PLL clock
• Zero ppm multiplication error
• Input crystal frequency of up to 27 MHz
• Input clock frequency of up to 50 MHz
• Output clock frequencies up to 200 MHz
• Extremely low jitter of 25 ps (one sigma)
• Compatible with all popular CPUs
• Duty cycle of 45/55 up to 200 MHz
• Nine selectable frequencies
• Operating voltage of 3.3 V
• Tri-state output for board level testing
• 25 mA drive capability at TTL levels
• Ideal for oscillator replacement
• Optimized for output frequencies of up to 200 MHz
(166 MHz maximum for industrial temperature
version)
• Industrial temperature version available
• Advanced, low power CMOS process




Similar Part No. - ICS501A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS501A ICST-ICS501A Datasheet
111Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501A IDT-ICS501A Datasheet
176Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
ICS501A IDT-ICS501A Datasheet
85Kb / 6P
LOCO PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS501A-DPK ICST-ICS501A-DPK Datasheet
111Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
Revision 120704
ICS501A-DWF ICST-ICS501A-DWF Datasheet
111Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
Revision 120704
More results


Similar Description - ICS501A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT5V40501 RENESAS-IDT5V40501 Datasheet
368Kb / 10P
LOCO™ PLL CLOCK MULTIPLIER
102808
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com