Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS501A Datasheet (PDF) - Integrated Circuit Systems

ICS501A Datasheet PDF - Integrated Circuit Systems
Part # ICS501A
Download  ICS501A Download
File Size   111.42 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOCO??PLL CLOCK MULTIPLIER

ICS501A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS501A Datasheet PDF - Integrated Circuit Systems

Part # ICS501A
Download  ICS501A Click to download

File Size   111.42 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOCO??PLL CLOCK MULTIPLIER

ICS501A Datasheet (HTML) - Integrated Circuit Systems


ICS501A Product details

Description

The ICS501A LOCOTM is the most cost effective way to generate a high quality, high frequency clock output from a lower frequency crystal or clock input. The name LOCO stands for Low Cost Oscillator, as it is designed to replace crystal oscillators in most electronic systems. Using Phase-Locked Loop (PLL) techniques, the device uses a standard fundamental mode, inexpensive crystal to produce output clocks up to 200 MHz.



Features

• Packaged as 8-pin SOIC or die

• ICS’ lowest cost PLL clock

• Zero ppm multiplication error

• Input crystal frequency of upto 27 MHz

• Input clock frequency of upto 50 MHz

• Output clock frequencies up to 200 MHz

• Extremely low jitter of 25 ps (one sigma)

• Compatible with all popular CPUs

• Duty cycle of 45/55 up to 200 MHz

• Nine selectable frequencies

• Operating voltage of 3.3V

• Tri-state output for board level testing

• 25mA drive capability at TTL levels

• Ideal for oscillator replacement

• Optimized for output frequencies of upto to 200 MHz

• Industrial temperature version available

• Advanced, low power CMOS process




Similar Part No. - ICS501A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS501A IDT-ICS501A Datasheet
176Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
ICS501A IDT-ICS501A Datasheet
85Kb / 6P
LOCO PLL CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS501A RENESAS-ICS501A Datasheet
215Kb / 7P
LOCO™ PLL CLOCK MULTIPLIER
REV H 11301
logo
Integrated Device Techn...
ICS501A IDT-ICS501A_11 Datasheet
85Kb / 6P
LOCO PLL CLOCK MULTIPLIER
More results


Similar Description - ICS501A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com