Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840272I Datasheet (PDF) - Renesas Technology Corp

ICS840272I Datasheet PDF - Renesas Technology Corp
Part # ICS840272I
Download  ICS840272I Download
File Size   832.3 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous Ethernet Frequency Translator

ICS840272I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS840272I Datasheet PDF - Renesas Technology Corp

Part # ICS840272I
Download  ICS840272I Click to download

File Size   832.3 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous Ethernet Frequency Translator

ICS840272I Datasheet (HTML) - Renesas Technology Corp


ICS840272I Product details

General Description
The ICS840272I is a PLL-based Frequency Translator intended for
use in Synchronous Ethernet applications. This high performance
device is optimized to generate 25MHz and 8kHz LVCMOS clock
outputs. The ICS840272I accepts the following differential or
single-ended input signals: 161.1328125MHz (10GbE Mode),
156.25MHz (1GbE Mode), or 125MHz (Recovered clock from
10/100/1000BaseT Ethernet PHY). The extended temperature
range supports telecommunication and networking end equipment
requirements.

Features
• Two single-ended outputs (LVCMOS or LVTTL levels),
output impedance: 17
• Single-ended lock detect output (LVCMOS or LVTTL levels)
• Two selectable differential clock inputs
• Differential input pair (CLKx, nCLKx) accepts LVPECL, LVDS,
LVHSTL, SSTL, HCSL input levels
• Internal resistor bias on nCLK pin allows the user to drive CLK
input with external single-ended (LVCMOS/ LVTTL) input levels
• Selectable input frequencies: 161.1328MHz, 156.25MHz or
125MHz
• Output frequency: 25MHz, 8kHz
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) packaging




Similar Part No. - ICS840272I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS840272I IDT-ICS840272I Datasheet
906Kb / 15P
Synchronous Ethernet Frequency Translator
More results


Similar Description - ICS840272I

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
Frequency Translator
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
Frequency Translator
logo
Integrated Device Techn...
ICS840271I IDT-ICS840271I Datasheet
718Kb / 13P
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
Frequency Translator
logo
Integrated Device Techn...
ICS840272I IDT-ICS840272I Datasheet
906Kb / 15P
Synchronous Ethernet Frequency Translator
logo
Renesas Technology Corp
ICS840271I RENESAS-ICS840271I Datasheet
889Kb / 14P
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
APRIL 23, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com