Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840271I Datasheet (PDF) - Renesas Technology Corp

ICS840271I Datasheet PDF - Renesas Technology Corp
Part # ICS840271I
Download  ICS840271I Download
File Size   889.14 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR

ICS840271I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS840271I Datasheet PDF - Renesas Technology Corp

Part # ICS840271I
Download  ICS840271I Click to download

File Size   889.14 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR

ICS840271I Datasheet (HTML) - Renesas Technology Corp


ICS840271I Product details

Features
• Clock frequency translator for Synchronous Ethernet
applications
• One single-ended output (LVCMOS or LVTTL levels),
16Ω output impedance
• Differential input pair (CLK, nCLK) accepts LVPECL, LVDS,
LVHSTL, SSTL, HCSL input levels
• Supports input clock frequencies of: 125MHz, 156.25MHz or
161.1328MHz
• Generates a 25MHz output clock signal
• Internal resistor bias on nCLK pin allows the user to drive CLK
input with external single-ended (LVCMOS/LVTTL) input levels
• Internal PLL is optimized for low cycle-to-cycle jitter at the
output
• Full 3.3V or 2.5V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS840271I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS840271I IDT-ICS840271I Datasheet
718Kb / 13P
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
More results


Similar Description - ICS840271I

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
Frequency Translator
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
Frequency Translator
logo
Integrated Device Techn...
ICS840271I IDT-ICS840271I Datasheet
718Kb / 13P
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
Frequency Translator
logo
Integrated Device Techn...
ICS840272I IDT-ICS840272I Datasheet
906Kb / 15P
Synchronous Ethernet Frequency Translator
logo
Renesas Technology Corp
ICS840272I RENESAS-ICS840272I Datasheet
832Kb / 18P
Synchronous Ethernet Frequency Translator
06/19/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com