Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840271I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS840271I
Description  SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS840271I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS840271I Datasheet HTML 6Page - Renesas Technology Corp ICS840271I Datasheet HTML 7Page - Renesas Technology Corp ICS840271I Datasheet HTML 8Page - Renesas Technology Corp ICS840271I Datasheet HTML 9Page - Renesas Technology Corp ICS840271I Datasheet HTML 10Page - Renesas Technology Corp ICS840271I Datasheet HTML 11Page - Renesas Technology Corp ICS840271I Datasheet HTML 12Page - Renesas Technology Corp ICS840271I Datasheet HTML 13Page - Renesas Technology Corp ICS840271I Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ICS840271I
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
IDT™ / ICS™ SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
10
ICS840271BGI REV. A APRIL 23, 2009
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS840271I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS840271I is the sum of the core power plus the analog power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
•
Power (core)MAX = VDD_MAX * (IDD + IDDA) = 3.465V *(75mA + 8mA) = 287.6mW
•
Output Impedance ROUT Power Dissipation due to Loading 50Ω to VDD/2
Output Current IOUT = VDD_MAX / [2 * (50Ω + ROUT)] = 3.465V / [2 * (50Ω + 16Ω)] = 26.25mA
•
Power Dissipation on the ROUT per LVCMOS output
Power (ROUT) = ROUT * (IOUT)
2 = 16
Ω * (26.25mA)2 = 11mW per output
Total Power Dissipation
•
Total Power
= Power (core)MAX + Total Power (ROUT)
= 287.6mW + 11mW
= 298.6mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device.
The maximum recommended junction temperature for HiPerClockS devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air flow
and a multi-layer board, the appropriate value is 129.5°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.299W *129.5°C/W = 123.7°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type
of board (multi-layer).
Table 6. Thermal Resistance θJA for 8 Lead TSSOP, Forced Convection
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
129.5°C/W
125.5°C/W
123.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com