Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840271I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS840271I
Description  SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS840271I Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS840271I Datasheet HTML 1Page - Renesas Technology Corp ICS840271I Datasheet HTML 2Page - Renesas Technology Corp ICS840271I Datasheet HTML 3Page - Renesas Technology Corp ICS840271I Datasheet HTML 4Page - Renesas Technology Corp ICS840271I Datasheet HTML 5Page - Renesas Technology Corp ICS840271I Datasheet HTML 6Page - Renesas Technology Corp ICS840271I Datasheet HTML 7Page - Renesas Technology Corp ICS840271I Datasheet HTML 8Page - Renesas Technology Corp ICS840271I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ICS840271I
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
IDT™ / ICS™ SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
3
ICS840271BGI REV. A APRIL 23, 2009
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V±5%, TA = -40°C to 85°C
Table 4B. Power Supply DC Characteristics, VDD = 2.5V±5%, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, IO (LVCMOS)
-0.5V to VDD + 0.5V
Package Thermal Impedance,
θ
JA
129.5°C/W (0 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD – 0.08
3.3
VDD
V
IDD
Power Supply Current
75
mA
IDDA
Analog Supply Current
8mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
2.375
2.5
2.625
V
VDDA
Analog Supply Voltage
VDD – 0.08
2.5
VDD
V
IDD
Power Supply Current
72
mA
IDDA
Analog Supply Current
8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com