Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840271I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS840271I
Description  SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS840271I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS840271I Datasheet HTML 1Page - Renesas Technology Corp ICS840271I Datasheet HTML 2Page - Renesas Technology Corp ICS840271I Datasheet HTML 3Page - Renesas Technology Corp ICS840271I Datasheet HTML 4Page - Renesas Technology Corp ICS840271I Datasheet HTML 5Page - Renesas Technology Corp ICS840271I Datasheet HTML 6Page - Renesas Technology Corp ICS840271I Datasheet HTML 7Page - Renesas Technology Corp ICS840271I Datasheet HTML 8Page - Renesas Technology Corp ICS840271I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ICS840271I
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
IDT™ / ICS™ SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
2
ICS840271BGI REV. A APRIL 23, 2009
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3. SEL[1:0] Function Table
NOTE: REF = Input clock signal frequency
Number
Name
Type
Description
1VDDA
Power
Analog supply pin.
2
SEL0
Input
Pulldown
Selects the input reference frequency and the PLL bypass mode.
LVCMOS/LVTTL interface levels. See Table 3.
3
CLK
Input
Pulldown
Non-inverting differential clock input.
4
nCLK
Input
Pullup/
Pulldown
Inverting differential clock input. Internal resistor bias to VDD/2.
5
SEL1
Input
Pullup
Selects the input reference frequency and the PLL bypass mode.
LVCMOS/LVTTL interface levels. See Table 3.
6
GND
Power
Power supply ground.
7
Q
Output
Single-ended clock output. LVCMOS/LVTTL interface levels.
8VDD
Power
Core supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN Input Pulldown Resistor
51
k
Ω
ROUT
Output Impedance
VDD = 3.465V
16
Ω
VDD = 2.625V
19
Ω
Inputs
Mode
Output (MHz)
SEL1
SEL0
CLK, nCLK (MHz)
0
0
REF
PLL Bypass
REF/ 5
0
1
161.1328125
PLL Enabled
25
1 (default)
0 (default)
156.25
PLL Enabled
25
1
1
125
PLL Enabled
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com