Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844246D Datasheet (PDF) - Renesas Technology Corp

ICS844246D Datasheet PDF - Renesas Technology Corp
Part # ICS844246D
Download  ICS844246D Download
File Size   1214.49 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer

ICS844246D Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS844246D Datasheet PDF - Renesas Technology Corp

Part # ICS844246D
Download  ICS844246D Click to download

File Size   1214.49 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer

ICS844246D Datasheet (HTML) - Renesas Technology Corp


ICS844246D Product details

General Description
The ICS844246D is a Crystal-to-LVDS Clock Synthesizer/Fanout
Buffer designed for Fibre Channel frequencies and Gigabit Ethernet
applications. The output frequency can be set using the frequency
select pins and a 25MHz crystal for Ethernet frequencies, or a
26.5625MHz crystal for a Fibre Channel. The low phase noise
characteristics of the ICS844246D make it an ideal clock for these
demanding applications.
Features
• Six LVDS output pairs
• Crystal oscillator interface
• Output frequency range: 50MHz to 333.3333MHz
• Crystal input frequency range: 25MHz to 33.333MHz
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.416ps (typical)
• Full 3.3V or mixed 3.3V core, 2.5V output supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS844246D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS844246DI RENESAS-ICS844246DI Datasheet
471Kb / 21P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
NOVEMBER 28, 2012
More results


Similar Description - ICS844246D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844246 ICST-ICS844246 Datasheet
187Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 ICST-ICS844256 Datasheet
213Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
ICS844246 IDT-ICS844246 Datasheet
981Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246I IDT-ICS844246I Datasheet
415Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 IDT-ICS844256 Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
84427 IDT-84427 Datasheet
198Kb / 16P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
logo
Renesas Technology Corp
84427 RENESAS-84427 Datasheet
400Kb / 17P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
5/6/15
ICS844246DI RENESAS-ICS844246DI Datasheet
471Kb / 21P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
NOVEMBER 28, 2012
ICS844256D RENESAS-ICS844256D Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
AUGUST 5, 2010
ICS844256DI RENESAS-ICS844256DI Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
AUGUST 5, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com