Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844625I Datasheet (PDF) - Renesas Technology Corp

ICS844625I Datasheet PDF - Renesas Technology Corp
Part # ICS844625I
Download  ICS844625I Download
File Size   523.74 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-LVDS Clock Synthesizer

ICS844625I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS844625I Datasheet PDF - Renesas Technology Corp

Part # ICS844625I
Download  ICS844625I Click to download

File Size   523.74 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-LVDS Clock Synthesizer

ICS844625I Datasheet (HTML) - Renesas Technology Corp


ICS844625I Product details

General Description
The ICS844625I is a high frequency clock generator. The
ICS844625I uses an external 25MHz crystal to synthesize
312.5MHz, 156.25MHz and 125MHz clocks. The ICS844625I has
excellent cycle-to-cycle and RMS period jitter performance.
The ICS844625I operates at full 3.3V, 2.5V or mixed 3.3V, 2.5V
supply modes and is available in a fully RoHS compliant 48-lead
TQFP, E-Pad package.
Features
• Ten selectable differential LVDS outputs
• Output frequencies of 312.5MHz, 156.25MHz or 125MHz using a
25MHz crystal.
• Crystal oscillator interface designed for 18pF, 25MHz parallel
resonant crystal
• Cycle-to-cycle jitter: 13ps (typical)
• RMS phase jitter at 125MHz (1.875MHz - 20MHz):
0.417ps (typical), VDD = 3.3V
• RMS phase jitter at 156.25MHz (1.875MHz - 20MHz):
0.387ps (typical), VDD = 3.3V
• Output duty cycle: 50%, (typical)
• Supply modes:
VDD / VDDA / VDDO
3.3V / 3.3V / 3.3V
2.5V / 2.5V / 2.5V
3.3V / 3.3V / 2.5V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement use 849S625i




Similar Part No. - ICS844625I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21 IDT-ICS844001AG-21 Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21LF IDT-ICS844001AG-21LF Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21LFT IDT-ICS844001AG-21LFT Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21T IDT-ICS844001AG-21T Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results


Similar Description - ICS844625I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS814S208I IDT-ICS814S208I Datasheet
1Mb / 23P
FemtoClock짰 Crystal-to-LVDS 8-Output Clock Synthesizer
ICS841N254I IDT-ICS841N254I Datasheet
478Kb / 23P
FEMTOCLOCK짰 NG Crystal-to-LVDS/HCSL Clock Synthesizer
841N254B IDT-841N254B Datasheet
481Kb / 24P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
849S625 IDT-849S625 Datasheet
390Kb / 24P
Crystal-to-LVPECL/LVDS Clock Synthesizer
841N254B IDT-841N254B_18 Datasheet
542Kb / 25P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
83908-02 IDT-83908-02 Datasheet
335Kb / 16P
FemtoClock Crystal-to-LVDS 8-Output Clock Synthesizer
844N255I IDT-844N255I Datasheet
697Kb / 22P
FemtoClock NG Crystal-to-LVDS Clock Synthesizer
logo
Renesas Technology Corp
83908-02 RENESAS-83908-02 Datasheet
617Kb / 17P
FemtoClock® Crystal-to-LVDS 8-Output Clock Synthesizer
April 7, 2016
ICS849S625I RENESAS-ICS849S625I Datasheet
589Kb / 25P
Crystal-to-LVPECL/LVDS Clock Synthesizer
December 2, 2015
844N255I RENESAS-844N255I Datasheet
894Kb / 23P
FemtoClock® NG Crystal-to-LVDS Clock Synthesizer
April 28, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com