Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

844N255I Datasheet (PDF) - Renesas Technology Corp

844N255I Datasheet PDF - Renesas Technology Corp
Part # 844N255I
Download  844N255I Download
File Size   894.46 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-LVDS Clock Synthesizer

844N255I Datasheet (PDF)

Go To PDF Page Download Datasheet
844N255I Datasheet PDF - Renesas Technology Corp

Part # 844N255I
Download  844N255I Click to download

File Size   894.46 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-LVDS Clock Synthesizer

844N255I Datasheet (HTML) - Renesas Technology Corp


844N255I Product details

Features
• 4TH generation FemtoClock® NG technology
• Selectable 156.25MHz, 125MHz, 100MHz, 50MHz and 25MHz
output clock signals synthesized from a 25MHz reference
frequency
• Six differential LVDS clock outputs
• Crystal interface designed for a 25MHz crystal
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1MHz - 20MHz): 0.27ps (typical)
• Internal regulator for optimum noise rejection
• LVCMOS interface levels for the frequency select and output
enable inputs
• Full 2.5V supply voltage
• Lead-free (RoHS 6) 48-lead VFQFN package
• -40°C to 85°C ambient operating temperature




Similar Part No. - 844N255I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844N255I IDT-844N255I Datasheet
697Kb / 22P
FemtoClock NG Crystal-to-LVDS Clock Synthesizer
More results


Similar Description - 844N255I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841N254B IDT-841N254B Datasheet
481Kb / 24P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
841N254B IDT-841N254B_18 Datasheet
542Kb / 25P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
844N255I IDT-844N255I Datasheet
697Kb / 22P
FemtoClock NG Crystal-to-LVDS Clock Synthesizer
logo
Renesas Technology Corp
ICS840N051I RENESAS-ICS840N051I Datasheet
617Kb / 15P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
OCTOBER 14, 2013
841N254B RENESAS-841N254B Datasheet
950Kb / 25P
FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer
February 2, 2023
ICS843N571I RENESAS-ICS843N571I Datasheet
846Kb / 25P
FemtoClock® NG Clock Synthesizer
November 29, 2018
ICS849N2505I RENESAS-ICS849N2505I Datasheet
728Kb / 24P
FemtoClock® NG Clock Synthesizer
OCTOBER 11, 2012
IDT8V44N003I RENESAS-IDT8V44N003I Datasheet
1Mb / 29P
FemtoClock® NG LVDS Clock Synthesizer
2019
ICS840N011I RENESAS-ICS840N011I Datasheet
802Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
2019
ICS840N021I-01 RENESAS-ICS840N021I-01 Datasheet
939Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com