Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843N571I Datasheet (PDF) - Renesas Technology Corp

ICS843N571I Datasheet PDF - Renesas Technology Corp
Part # ICS843N571I
Download  ICS843N571I Download
File Size   846.65 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Clock Synthesizer

ICS843N571I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843N571I Datasheet PDF - Renesas Technology Corp

Part # ICS843N571I
Download  ICS843N571I Click to download

File Size   846.65 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Clock Synthesizer

ICS843N571I Datasheet (HTML) - Renesas Technology Corp


ICS843N571I Product details

Description
The 843N571I is a PLL based clock synthesizer for use in Ethernet
applications. The device uses IDT’s fourth generation FemtoClock®
NG technology for optimal high clock frequency and low phase noise
performance, combined with a low power consumption and high
power supply noise rejection. Using IDT’s latest FemtoClock NG PLL
technology, the 843N571I achieves <0.3ps RMS phase jitter
performance.
843N571I can synthesize 100MHz, 125MHz, 156.25MHz and a low
frequency 33.33MHz CPU clock from a single device. Six LVCMOS
outputs also serve as additional buffering of the 25MHz crystal
reference.
Features
• Fourth generation FemtoClock® Next Generation (NG) technology
• Seven single-ended LVCMOS outputs, 30 output impedance
• Three LVPECL output pairs
One differential LVPECL (QA, nQA) output pair: 156.25MHz
Two selectable differential LVPECL output pairs (QB, nQB and
QC, nQC): 100MHz and 125MHz
• One single-ended LVCMOS (QD0) 33.33MHz CPU clock
• Selectable external crystal or single-ended input source
• Crystal oscillator interface designed for 25MHz, parallel resonant
crystal
• FemtoClock NG frequency multiplier provides low jitter, high
frequency output
• FemtoClock NG VCO frequency: 2.5GHz
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(12kHz – 20MHz): 0.283ps (typical)
• Power supply noise rejection PSNR: -80dB
• 3.3V supply voltage
• -40C to 85C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS843N571I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843N571I IDT-ICS843N571I Datasheet
1Mb / 23P
FemtoClock NG짰 Clock Synthesizer
More results


Similar Description - ICS843N571I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843N571I IDT-843N571I Datasheet
450Kb / 24P
FemtoClock NG Clock Synthesizer
logo
Renesas Technology Corp
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
ICS849N2505I RENESAS-ICS849N2505I Datasheet
728Kb / 24P
FemtoClock® NG Clock Synthesizer
OCTOBER 11, 2012
IDT8V44N003I RENESAS-IDT8V44N003I Datasheet
1Mb / 29P
FemtoClock® NG LVDS Clock Synthesizer
2019
844N255I RENESAS-844N255I Datasheet
894Kb / 23P
FemtoClock® NG Crystal-to-LVDS Clock Synthesizer
April 28, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com