Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

841N254B Datasheet (PDF) - Renesas Technology Corp

841N254B Datasheet PDF - Renesas Technology Corp
Part # 841N254B
Download  841N254B Download
File Size   950.54 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer

841N254B Datasheet (PDF)

Go To PDF Page Download Datasheet
841N254B Datasheet PDF - Renesas Technology Corp

Part # 841N254B
Download  841N254B Click to download

File Size   950.54 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer

841N254B Datasheet (HTML) - Renesas Technology Corp


841N254B Product details

Features
▪ Fourth generation FemtoClock® (NG) technology
▪ Selectable 250MHz, 156.25MHz, 125MHz or 100MHz output
clock synthesized from a 25MHz fundamental mode crystal
▪ Four differential clock outputs (two LVDS and two HCSL
outputs)
▪ Crystal interface designed for 25MHz,
parallel resonant crystal
▪ RMS phase jitter at 156.25MHz, using a 25MHz crystal
(1MHz - 20MHz): 0.27ps (typical)
▪ RMS phase jitter at 156.25MHz, using a 25MHz crystal
(12kHz - 20MHz): 0.32ps (typical)
▪ Power supply noise rejection PSNR: -50dB (typical)
▪ LVCMOS interface levels for the frequency select input
▪ Full 3.3V or 2.5V supply voltage
▪ Lead-free (RoHS 6) packaging
▪ -40°C to 85°C ambient operating temperature




Similar Part No. - 841N254B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841N254B IDT-841N254B Datasheet
481Kb / 24P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
841N254B IDT-841N254B Datasheet
542Kb / 25P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
841N254BKILF IDT-841N254BKILF Datasheet
481Kb / 24P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
841N254BKILF IDT-841N254BKILF Datasheet
542Kb / 25P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
841N254BKILFT IDT-841N254BKILFT Datasheet
481Kb / 24P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
More results


Similar Description - 841N254B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841N254I IDT-ICS841N254I Datasheet
478Kb / 23P
FEMTOCLOCK짰 NG Crystal-to-LVDS/HCSL Clock Synthesizer
841N254B IDT-841N254B Datasheet
481Kb / 24P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
841N254B IDT-841N254B_18 Datasheet
542Kb / 25P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
844N255I IDT-844N255I Datasheet
697Kb / 22P
FemtoClock NG Crystal-to-LVDS Clock Synthesizer
logo
Renesas Technology Corp
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
841N4830 RENESAS-841N4830 Datasheet
996Kb / 29P
FemtoClock® NG Crystal-to-HCSL Frequency Synthesizer
Revision F, May 23, 2016
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
IDT8V44N003I RENESAS-IDT8V44N003I Datasheet
1Mb / 29P
FemtoClock® NG LVDS Clock Synthesizer
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
844N255I RENESAS-844N255I Datasheet
894Kb / 23P
FemtoClock® NG Crystal-to-LVDS Clock Synthesizer
April 28, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com