Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

841604 Datasheet (PDF) - Renesas Technology Corp

841604 Datasheet PDF - Renesas Technology Corp
Part # 841604
Download  841604 Download
File Size   612.46 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-HCSL Clock Generator

841604 Datasheet (PDF)

Go To PDF Page Download Datasheet
841604 Datasheet PDF - Renesas Technology Corp

Part # 841604
Download  841604 Click to download

File Size   612.46 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-HCSL Clock Generator

841604 Datasheet (HTML) - Renesas Technology Corp


841604 Product details

GENERAL DESCRIPTION
The 841604 is an optimized PCIe and sRIO clock generator.
The device uses a 25MHz parallel crystal to generate 100MHz
and 125MHz clock signals, replacing solutions requiring multiple
oscillator and fanout buffer solutions. The device has excellent phase
jitter (< 1ps rms) suitable to clock components requiring precise and
low-jitter PCIe or sRIO or both clock signals. Designed for telecom,
networking and industrial applications, the 841604 can also drive the
high-speed sRIO and PCIe SerDes clock inputs of communication
processors, DSPs, switches and bridges.

FEATURES
• Four differential clock outputs: confi gurable for PCIe (100MHz)
and sRIO (125MHz) clock signals
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or LVCMOS/LVTTL single-ended reference
clock input
• Supports the following output frequencies:
100MHz or 125MHz
• VCO: 500MHz
• PLL bypass and output enable
• PCI Express (2.5Gb/s) and Gen 2 (5 Gb/s) jitter compliant
• RMS phase jitter, 125MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.45ps (typical)
• Full 3.3V power supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 841604

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841604 IDT-841604 Datasheet
414Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
841604AGILF IDT-841604AGILF Datasheet
414Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
841604AGILFT IDT-841604AGILFT Datasheet
414Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
More results


Similar Description - 841604

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841602 IDT-841602 Datasheet
418Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
841604 IDT-841604 Datasheet
414Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
841654 IDT-841654 Datasheet
293Kb / 18P
FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841608 RENESAS-841608 Datasheet
1Mb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
January 31, 2023
843001 RENESAS-843001 Datasheet
522Kb / 17P
FemtoClock® NG Crystal-to-3.3V LVPECL Clock Generator
11/16/15
841N254B RENESAS-841N254B Datasheet
950Kb / 25P
FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer
February 2, 2023
ICS841664I RENESAS-ICS841664I Datasheet
662Kb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
JULY 15, 2013
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841602 RENESAS-841602 Datasheet
694Kb / 18P
FemtoClock NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com