Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841664I Datasheet (PDF) - Renesas Technology Corp

ICS841664I Datasheet PDF - Renesas Technology Corp
Part # ICS841664I
Download  ICS841664I Download
File Size   662.76 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-HCSL Clock Generator

ICS841664I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS841664I Datasheet PDF - Renesas Technology Corp

Part # ICS841664I
Download  ICS841664I Click to download

File Size   662.76 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-HCSL Clock Generator

ICS841664I Datasheet (HTML) - Renesas Technology Corp


ICS841664I Product details

General Description
The ICS841664I is an optimized sRIO clock generator and a
member of the family of high-performance clock solutions from IDT.
The device uses a 25MHz parallel crystal to generate 125MHz and
156.25MHz clock signals, replacing solution requiring multiple
oscillator and fanout buffer solutions. The device has excellent phase
jitter (<1ps RMS) suitable to clock components requiring precise and
low-jitter sRIO clock signals. Designed for telecom, networking and
industrial application, the ICS841664I can also drive the high-speed
sRIO SerDes clock inputs of communication processors, DSPs,
switches and bridges.
Features
• Four differential HCSL clock outputs: configurable for sRIO
(125MHz or 156.25MHz) clock signals
One REF_OUT LVCMOS/LVTTL clock output
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or LVCMOS/LVTTL single-ended reference clock
input or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 125MHz or 156.25MHz
• VCO: 625MHz
• Supports PLL bypass and output enable functions
• RMS phase jitter, using a 25MHz crystal (1.875MHz - 20MHz):
0.45ps (typical) @ 125MHz
• Full 3.3V power supply mode
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS841664I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841664I IDT-ICS841664I Datasheet
374Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
ICS841664I IDT-ICS841664I_13 Datasheet
374Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
More results


Similar Description - ICS841664I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
841608 IDT-841608 Datasheet
619Kb / 23P
FemtoClock Crystal-to-HCSL Clock Generator
ICS841664I IDT-ICS841664I_13 Datasheet
374Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
841608 RENESAS-841608 Datasheet
1Mb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
January 31, 2023
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com