Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

841608 Datasheet (PDF) - Renesas Technology Corp

841608 Datasheet PDF - Renesas Technology Corp
Part # 841608
Download  841608 Download
File Size   1309.49 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-HCSL Clock Generator

841608 Datasheet (PDF)

Go To PDF Page Download Datasheet
841608 Datasheet PDF - Renesas Technology Corp

Part # 841608
Download  841608 Click to download

File Size   1309.49 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-HCSL Clock Generator

841608 Datasheet (HTML) - Renesas Technology Corp


841608 Product details

General Description
The 841608 is an optimized PCIe and sRIO clock generator. The
device uses a 25MHz parallel crystal to generate 100MHz and
125MHz clock signals, replacing solutions requiring multiple
oscillator and fanout buffer solutions. The device has excellent
phase jitter (< 1ps rms) suitable to clock components requiring
precise and low-jitter PCIe or sRIO or both clock signals. Designed
for telecom, networking and industrial applications, the 841608 can
also drive the high-speed sRIO and PCIe SerDes clock inputs of
communication processors, DSPs, switches and bridges.

Features
• Eight HCSL outputs: configurable for PCIe (100MHz) and sRIO
(125MHz) clock signals
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or LVCMOS/LVTTL single-ended reference clock
input
• Supports the following output frequencies: 100MHz or 125MHz
• VCO: 500MHz
• PLL bypass and output enable
• PCI Express (2.5 Gb/S) and Gen 2 (5 Gb/s) jitter compliant
• RMS phase jitter at 125MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.37ps (typical)
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 841608

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841608 IDT-841608 Datasheet
619Kb / 23P
FemtoClock Crystal-to-HCSL Clock Generator
841608AKI IDT-841608AKI Datasheet
397Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-HCSL CLOCK GENERATOR VCO: 500MHz
841608AKILF IDT-841608AKILF Datasheet
397Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-HCSL CLOCK GENERATOR VCO: 500MHz
841608AKILF IDT-841608AKILF Datasheet
619Kb / 23P
FemtoClock Crystal-to-HCSL Clock Generator
841608AKILFT IDT-841608AKILFT Datasheet
397Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-HCSL CLOCK GENERATOR VCO: 500MHz
More results


Similar Description - 841608

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
841608 IDT-841608 Datasheet
619Kb / 23P
FemtoClock Crystal-to-HCSL Clock Generator
ICS841664I IDT-ICS841664I_13 Datasheet
374Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
ICS841664I RENESAS-ICS841664I Datasheet
662Kb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
JULY 15, 2013
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com