Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

841654 Datasheet (PDF) - Renesas Technology Corp

841654 Datasheet PDF - Renesas Technology Corp
Part # 841654
Download  841654 Download
File Size   492.04 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-HCSL Clock Generator

841654 Datasheet (PDF)

Go To PDF Page Download Datasheet
841654 Datasheet PDF - Renesas Technology Corp

Part # 841654
Download  841654 Click to download

File Size   492.04 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-HCSL Clock Generator

841654 Datasheet (HTML) - Renesas Technology Corp


841654 Product details

FEATURES
• Four differential HCSL clock outputs: confi gurable for PCIe
(100MHz) and sRIO (100MHz or 125MHz) clock signals
One REF_OUT LVCMOS/LVTTL clock output
• Selectable crystal oscillator interface, 25MHz, 18pF parallel resonant
crystal or LVCMOS/LVTTL single-ended reference
clock input
• Supports the following output frequencies:
100MHz or 125MHz
• VCO: 500MHz
• PLL bypass and output enable
• RMS phase jitter at 100MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.44ps (typical)
• Full 3.3V power supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 841654

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841654 IDT-841654 Datasheet
293Kb / 18P
FemtoClock NG Crystal-to-HCSL Clock Generator
More results


Similar Description - 841654

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841602 IDT-841602 Datasheet
418Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
841604 IDT-841604 Datasheet
414Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
841654 IDT-841654 Datasheet
293Kb / 18P
FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
841608 RENESAS-841608 Datasheet
1Mb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
January 31, 2023
843001 RENESAS-843001 Datasheet
522Kb / 17P
FemtoClock® NG Crystal-to-3.3V LVPECL Clock Generator
11/16/15
841N254B RENESAS-841N254B Datasheet
950Kb / 25P
FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer
February 2, 2023
ICS841664I RENESAS-ICS841664I Datasheet
662Kb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
JULY 15, 2013
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841602 RENESAS-841602 Datasheet
694Kb / 18P
FemtoClock NG Crystal-to-HCSL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com