Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843001 Datasheet (PDF) - Renesas Technology Corp

843001 Datasheet PDF - Renesas Technology Corp
Part # 843001
Download  843001 Download
File Size   522.68 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-3.3V LVPECL Clock Generator

843001 Datasheet (PDF)

Go To PDF Page Download Datasheet
843001 Datasheet PDF - Renesas Technology Corp

Part # 843001
Download  843001 Click to download

File Size   522.68 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-3.3V LVPECL Clock Generator

843001 Datasheet (HTML) - Renesas Technology Corp


843001 Product details

GENERAL DESCRIPTION
The 843001 is a Fibre Channel Clock Generator and a member
of the family of high performance devices from IDT. The 843001
uses either a 26.5625MHz or a 23.4375 crystal to synthesize
106.25MHz, 187.5MHz or 212.5MHz, using the FREQ_SEL pin.
The 843001 has excellent <1ps phase jitter performance, over the
637kHz – 10MHz integration range. The 843001 is packaged in a
small 8-pin TSSOP, making it ideal for use in systems with limited
board space.

FEATURES
• One differential 3.3V LVPECL output
• Crystal oscillator interface designed for 23.4375MHz or
26.5625MHz, 18pF parallel resonant crystal
• Selectable 106.25MHz, 187.5MHz or 212.5MHz
output frequency
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 106.255MHz, using a 26.5625MHz crystal
(637kHz - 10MHz): 0.74ps (typical)
• RMS phase noise at 106.25MHz
Phase noise:
Offset Noise Power
100Hz ................-95.2 dBc/Hz
1KHz ..............-118.7 dBc/Hz
10KHz ..............-129.1 dBc/Hz
100KHz ..............-129.6 dBc/Hz
• 3.3V operating supply
• -30°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 843001

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843001 IDT-843001 Datasheet
324Kb / 16P
FemtoClock NG Crystal-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
843001-21 RENESAS-843001-21 Datasheet
398Kb / 18P
FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer
5/20/16
logo
Integrated Device Techn...
843001AGLF IDT-843001AGLF Datasheet
324Kb / 16P
FemtoClock NG Crystal-to-3.3V LVPECL Clock Generator
843001AGLFT IDT-843001AGLFT Datasheet
324Kb / 16P
FemtoClock NG Crystal-to-3.3V LVPECL Clock Generator
843001CGI-23 IDT-843001CGI-23 Datasheet
1Mb / 24P
FemtoClock짰 Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer
More results


Similar Description - 843001

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843001 IDT-843001 Datasheet
324Kb / 16P
FemtoClock NG Crystal-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
843011 RENESAS-843011 Datasheet
586Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843023 RENESAS-843023 Datasheet
373Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/1/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
ICS843N3960I RENESAS-ICS843N3960I Datasheet
1Mb / 21P
FemtoClock® NG Crystal-to-3.3V LVPECL Clock Generator
SEPTEMBER 24, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com