Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843N3960I Datasheet (PDF) - Renesas Technology Corp

ICS843N3960I Datasheet PDF - Renesas Technology Corp
Part # ICS843N3960I
Download  ICS843N3960I Download
File Size   1767.37 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-3.3V LVPECL Clock Generator

ICS843N3960I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843N3960I Datasheet PDF - Renesas Technology Corp

Part # ICS843N3960I
Download  ICS843N3960I Click to download

File Size   1767.37 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-3.3V LVPECL Clock Generator

ICS843N3960I Datasheet (HTML) - Renesas Technology Corp


ICS843N3960I Product details

General Description
The ICS843N3960I is a LVPECL Clock Synthesizer. The
ICS843N3960I can synthesize 100MHz, 125MHz, 156.25MHz and
212.5MHz from a single 25MHz crystal or reference clock.
Utilizing an external loop filter capacitor, the ICS843N3960I is
capable of holdover mode when the main reference clock becomes
unstable, making this ideal for redundant timing applications.
Features
• Fourth Generation FemtoClock® NG PLL technology
• Two differential LVPECL outputs
• Crystal oscillator interface designed for 12pF, 25MHz parallel
resonant crystal
• CLK/nCLK input pair can accept the following differential input
levels: LVPECL, LVDS, HCSL
• RMS phase jitter at 100MHz (12kHz – 20MHz): 0.510ps (max.)
• RMS phase jitter at 125MHz (12kHz – 20MHz): 0.575ps (max.)
• RMS phase jitter at 156.25MHz (12kHz – 20MHz):
0.504ps (max.)
• RMS phase jitter at 212.5MHz (12kHz – 20MHz): 0.512ps (max.)
• 3.3V power supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS843N3960I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843N3960I IDT-ICS843N3960I Datasheet
1Mb / 20P
Fourth Generation FemtoClock
More results


Similar Description - ICS843N3960I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843001 IDT-843001 Datasheet
324Kb / 16P
FemtoClock NG Crystal-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
843001 RENESAS-843001 Datasheet
522Kb / 17P
FemtoClock® NG Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843011 RENESAS-843011 Datasheet
586Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843023 RENESAS-843023 Datasheet
373Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/1/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com