Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843022 Datasheet (PDF) - Renesas Technology Corp

843022 Datasheet PDF - Renesas Technology Corp
Part # 843022
Download  843022 Download
File Size   402.64 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

843022 Datasheet (PDF)

Go To PDF Page Download Datasheet
843022 Datasheet PDF - Renesas Technology Corp

Part # 843022
Download  843022 Click to download

File Size   402.64 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

843022 Datasheet (HTML) - Renesas Technology Corp


843022 Product details

GENERAL DESCRIPTION
The 843022 is a Gigabit Ethernet Clock Generator and a
member of the HiPerClocksTM family of high performance
devices from IDT. The 843022 uses a 25MHz crystal to
synthesize 125MHz or 62.5MHz. The 843022 has excellent phase jitter performance, over the 1.875MHz – 20MHz
integration range. The 843022 is packaged in a small 8-pin TSSOP,
making it ideal for use in systems with limited board space.

FEATURES
• One differential 3.3V LVPECL output
• Crystal oscillator interface designed for 25MHz,
18pF parallel resonant crystal
• Output frequencies: 125MHz or 62.5MHz (selectable)
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.39ps (typical)
Offset Noise Power
100Hz ................-96.5 dBc/Hz
1kHz ..............-122.5 dBc/Hz
10kHz ..............-132.1 dBc/Hz
100kHz ..............-131.5 dBc/Hz
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in lead-free (RoHS 6) package




Similar Part No. - 843022

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843022AKI-02LF IDT-843022AKI-02LF Datasheet
520Kb / 17P
FemtoClock짰 Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843022AKI-02LFT IDT-843022AKI-02LFT Datasheet
520Kb / 17P
FemtoClock짰 Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843022I-02 IDT-843022I-02 Datasheet
520Kb / 17P
FemtoClock짰 Crystal-to-3.3V, 2.5V LVPECL Clock Generator
logo
Renesas Technology Corp
843022I-02 RENESAS-843022I-02 Datasheet
722Kb / 18P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
11/4/15
logo
Integrated Device Techn...
843022I-48 IDT-843022I-48 Datasheet
184Kb / 16P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
More results


Similar Description - 843022

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843011 RENESAS-843011 Datasheet
586Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843023 RENESAS-843023 Datasheet
373Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/1/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843051 RENESAS-843051 Datasheet
544Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/15/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
ICS843021I RENESAS-ICS843021I Datasheet
1Mb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 18, 2011
ICS843252-04 RENESAS-ICS843252-04 Datasheet
480Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 15, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com