Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843252-04 Datasheet (PDF) - Renesas Technology Corp

ICS843252-04 Datasheet PDF - Renesas Technology Corp
Part # ICS843252-04
Download  ICS843252-04 Download
File Size   480.23 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

ICS843252-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843252-04 Datasheet PDF - Renesas Technology Corp

Part # ICS843252-04
Download  ICS843252-04 Click to download

File Size   480.23 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

ICS843252-04 Datasheet (HTML) - Renesas Technology Corp


ICS843252-04 Product details

General Description
The ICS843252-04 is a 10Gb/12Gb Ethernet Clock Generator. The
ICS843252-04 can synthesize 10 Gigabit Ethernet and 12 Gigabit
Ethernet with a 25MHz crystal. It can also generate SATA and 10Gb
Fibre Channel reference clock frequencies with the appropriate
choice of crystals. The ICS843252-04 has excellent phase jitter
performance and is packaged in a small 16-pin TSSOP, making it
ideal for use in systems with limited board space.
Features
• Two differential 3.3V LVPECL output pairs
• Crystal input frequency range: 20MHz – 30MHz
• Output frequency range: 150MHz – 187.5MHz
• VCO frequency: 600MHz – 750MHz
• RMS Phase Jitter @ 156.25MHz, (1.875MHz – 20MHz):
0.31ps (typical)
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS843252-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
More results


Similar Description - ICS843252-04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843011 RENESAS-843011 Datasheet
586Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843023 RENESAS-843023 Datasheet
373Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/1/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843051 RENESAS-843051 Datasheet
544Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/15/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
ICS843021I RENESAS-ICS843021I Datasheet
1Mb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 18, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com