Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843051 Datasheet (PDF) - Renesas Technology Corp

843051 Datasheet PDF - Renesas Technology Corp
Part # 843051
Download  843051 Download
File Size   544.16 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

843051 Datasheet (PDF)

Go To PDF Page Download Datasheet
843051 Datasheet PDF - Renesas Technology Corp

Part # 843051
Download  843051 Click to download

File Size   544.16 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

843051 Datasheet (HTML) - Renesas Technology Corp


843051 Product details

General Description
The 843051 is a Gigabit Ethernet Clock Generator. The 843051 can
synthesize 10 Gigabit Ethernet, SONET, or Serial ATA reference
clock frequencies with the appropriate choice of crystal and output
divider. The 843051 has excellent phase jitter performance and is
packaged in a small 8-pin TSSOP, making it ideal for use in systems
with limited board space.

Features
• One differential 3.3V LVPECL output
• Crystal oscillator interface designed for 18pF parallel resonant
crystals
• RMS phase jitter at:
155.52MHz (12kHz – 20MHz): 0.74ps (typical)
156.25MHz (1.875MHz – 20MHz): 0.43ps (typical)
161.13MHz (1.933Hz – 20MHz): 0.43ps (typical)
Offset Noise Power
• 100Hz -95 dBc/Hz
1kHz -110 dBc/Hz
10kHz -125 dBc/Hz
100kHz -125 dBc/Hz
• Full 3.3V output supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 843051

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8430 FILTRAN-8430 Datasheet
152Kb / 4P
MULTILAYER Ceramic Chip Inductor
logo
PHOENIX CONTACT
8430 PHOENIX-8430 Datasheet
294Kb / 17P
AXL E PB DI8 DO8 M12 6M
logo
Heyco.
8430 HEYCO-8430 Datasheet
123Kb / 1P
Heyco-Flex™ I Liquid Tight Conduit
logo
Keystone Electronics Co...
8430 KEYSTONE-8430 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
3M Electronics
8430-18 3M-8430-18 Datasheet
80Kb / 4P
Cold Shrink EPDM Tubes Connector Insulators 8420 Series
More results


Similar Description - 843051

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843011 RENESAS-843011 Datasheet
586Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843023 RENESAS-843023 Datasheet
373Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/1/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
ICS843021I RENESAS-ICS843021I Datasheet
1Mb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 18, 2011
ICS843252-04 RENESAS-ICS843252-04 Datasheet
480Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 15, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com