Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8430-18 Datasheet (PDF) - 3M Electronics

8430-18 Datasheet PDF - 3M Electronics
Part # 8430-18
Download  8430-18 Download
File Size   80.75 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Cold Shrink EPDM Tubes Connector Insulators 8420 Series

8430-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
8430-18 Datasheet PDF - 3M Electronics

Part # 8430-18
Download  8430-18 Click to download

File Size   80.75 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Cold Shrink EPDM Tubes Connector Insulators 8420 Series

8430-18 Datasheet (HTML) - 3M Electronics


8430-18 Product details

Product Description
3M Brand PST Cold Shrink Connector Insulators are a series of open-ended, tubular rubber sleeves, which are factory expanded and assembled onto a removable core. They are supplied for field installation in this pre-stretched condition. The core is removed after the tube has been positioned for installation over an inline connection, terminal lug, etc., allowing the tube to shrink and form a waterproof seal. The insulating tube is made of EPDM rubber, which contains no chlorides or sulphurs. Six diameter sizes will cover a range of 1000 volt cables, copper and aluminium conductors.

PST features are:
• Simple installation, requires only workman’s hands
• Accommodates a wide range of cable sizes
• No torches or heat required
• Good thermal stability
• Seals tight, retains its resiliency and pressure even after prolonged years of ageing and exposure
• Excellent wet electrical properties
• Improved tough rubber formulation to withstand rough backfilling
• Waterproof. Meets water seal requirements of NEMA Pub. No. PP-C1
• Resists fungus
• Resists acids and alkalis
• Resists ozone and ultraviolet light

Applications
• Primary electrical insulation for all solid dielectric (rubber and plastic) insulated wire and cable splices rated to 1000 volts
• Suitable for direct burial or submersion
• For indoor, outdoor, or overhead use
• Physical protection and moisture sealing for high-voltage, air-insulated connectors and lugs such as spacer cable and lug connections to bus bar
• Insulation of secondary splices copper or aluminium conductors
• Relocation of service
• Dig-in repairs
• Sheath repairs
• Insulation of inline conductor transition connectors (see Figure 1)




Similar Part No. - 8430-18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8430-61 IDT-8430-61 Datasheet
321Kb / 21P
LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
More results


Similar Description - 8430-18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IEC-TO-220V-18 ETC1-IEC-TO-220V-18 Datasheet
30Kb / 1P
TEANSISTOR INSULATORS
IEC-TO-218 ETC2-IEC-TO-218 Datasheet
31Kb / 1P
TRANSISTOR INSULATORS
501791 ETC2-501791 Datasheet
1Mb / 13P
TEST CLIPS INSULATORS
561-10SC004003 ETC2-561-10SC004003 Datasheet
40Kb / 2P
Nylon Screw Insulators
logo
Richco, Inc.
MNI-6-2 RICHCO-MNI-6-2 Datasheet
76Kb / 1P
MOLDED NYLON INSULATORS
logo
Laird Tech Smart Techno...
TNC-4 LSTD-TNC-4 Datasheet
750Kb / 3P
Thermally Conductive Insulators
logo
NTE Electronics
72-115 NTE-72-115 Datasheet
200Kb / 5P
72??15 Series PVC Insulators
logo
3M Electronics
SJ-1FB 3M-SJ-1FB Datasheet
76Kb / 4P
3M Cold Shrink Foldback Splice Jacket Kits
CXS 3M-CXS Datasheet
1Mb / 4P
3M??Cold Shrink Sealing Kit CXS Series
5550 3M-5550 Datasheet
52Kb / 4P
Cold Shrink] Rubber Splicing Kits
1996
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com