Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843023 Datasheet (PDF) - Renesas Technology Corp

843023 Datasheet PDF - Renesas Technology Corp
Part # 843023
Download  843023 Download
File Size   373.04 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

843023 Datasheet (PDF)

Go To PDF Page Download Datasheet
843023 Datasheet PDF - Renesas Technology Corp

Part # 843023
Download  843023 Click to download

File Size   373.04 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

843023 Datasheet (HTML) - Renesas Technology Corp


843023 Product details

GENERAL DESCRIPTION
The 843023 is a Gigabit Ethernet Clock Generator and a member of
the HiPerClocksTM family of high performance devices from IDT. The
843023 uses a 25MHz crystal to synthesize 250MHz. The 843023
has excellent phase jitter performance, over the 1.875MHz – 20MHz
integration range. The 843023 is packaged in a small 8-pin TSSOP,
making it ideal for use in systems with limited board space.

FEATURES
• One differential 3.3V LVPECL output
• Crystal oscillator interface designed for 25MHz,
18pF parallel resonant crystal
• Output frequencies: 245MHz – 320MHz
• VCO range: 490MHz - 640MHz
• RMS phase jitter @ 250MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.39ps (typical)
Offset Noise Power
100Hz ................-86.3 dBc/Hz
1kHz ..............-114.6 dBc/Hz
10kHz ..............-125.6 dBc/Hz
100kHz .................-126 dBc/Hz
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 843023

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843023I RENESAS-843023I Datasheet
398Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
JANUARY 9, 2015
More results


Similar Description - 843023

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843011 RENESAS-843011 Datasheet
586Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843051 RENESAS-843051 Datasheet
544Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/15/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
ICS843021I RENESAS-ICS843021I Datasheet
1Mb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 18, 2011
ICS843252-04 RENESAS-ICS843252-04 Datasheet
480Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 15, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com