Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843023I Datasheet (PDF) - Renesas Technology Corp

843023I Datasheet PDF - Renesas Technology Corp
Part # 843023I
Download  843023I Download
File Size   398.08 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator

843023I Datasheet (PDF)

Go To PDF Page Download Datasheet
843023I Datasheet PDF - Renesas Technology Corp

Part # 843023I
Download  843023I Click to download

File Size   398.08 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator

843023I Datasheet (HTML) - Renesas Technology Corp


843023I Product details

GENERAL DESCRIPTION
The 843023I is a Gigabit Ethernet Clock Generator and a member of the HiPerClocksTM family of high performance devices from
IDT. The 843023I uses a 25MHz crystal to synthesize 250MHz.
The 843023I has excellent phase jitter performance, over the
1.875MHz – 20MHz integration range. The 843023I is packaged
in a small 8-pin TSSOP, making it ideal for use in systems with
limited board space.

FEATURES
• One differential 3.3V or 2.5V LVPECL output
• Crystal oscillator interface designed for 25MHz,
18pF parallel resonant crystal
• Output frequency range: 240MHz - 320MHz
• VCO range: 480MHz - 640MHz
• RMS phase jitter @ 250MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.39ps (typical)
Phase noise:
Offset Noise Power
100Hz ..................-86.3 dBc/Hz
1kHz ................-114.6 dBc/Hz
10kHz ................-125.6 dBc/Hz
100kHz ................-126.0 dBc/Hz
• Full 3.3V and 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 843023I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843023 RENESAS-843023 Datasheet
373Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/1/15
More results


Similar Description - 843023I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843031I-01 IDT-843031I-01 Datasheet
203Kb / 16P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843071 IDT-843071 Datasheet
443Kb / 18P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
logo
Renesas Technology Corp
843021I-01 RENESAS-843021I-01 Datasheet
439Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843022I-02 RENESAS-843022I-02 Datasheet
722Kb / 18P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
11/4/15
843031I-01 RENESAS-843031I-01 Datasheet
400Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
10/15/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-12 RENESAS-843251I-12 Datasheet
509Kb / 17P
Femtoclock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
January 19, 2016
843251I-15 RENESAS-843251I-15 Datasheet
737Kb / 21P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
10/29/15
843071 RENESAS-843071 Datasheet
634Kb / 19P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com