Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843071 Datasheet (PDF) - Renesas Technology Corp

843071 Datasheet PDF - Renesas Technology Corp
Part # 843071
Download  843071 Download
File Size   634.68 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator

843071 Datasheet (PDF)

Go To PDF Page Download Datasheet
843071 Datasheet PDF - Renesas Technology Corp

Part # 843071
Download  843071 Click to download

File Size   634.68 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator

843071 Datasheet (HTML) - Renesas Technology Corp


843071 Product details

Features
• One differential 3.3V or 2.5V LVPECL output
• Crystal oscillator interface,18pF parallel resonant crystal
(20.833MHz – 28.3MHz)
• Output frequency range: 62.5MHz – 170MHz
• VCO range: 500MHz – 680MHz
• RMS phase jitter at 150MHz, using a 25MHz crystal
(12kHz – 20MHz): 0.64ps (typical) @ 3.3V output
• RMS phase jitter at 159.375MHz, using a 26.5625MHz crystal
(1.875MHz – 20MHz): 0.40ps (typical) @ 3.3V output
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 843071

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843071 IDT-843071 Datasheet
443Kb / 18P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843071AGILF IDT-843071AGILF Datasheet
443Kb / 18P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843071AGILFT IDT-843071AGILFT Datasheet
443Kb / 18P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
More results


Similar Description - 843071

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843031I-01 IDT-843031I-01 Datasheet
203Kb / 16P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843071 IDT-843071 Datasheet
443Kb / 18P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
logo
Renesas Technology Corp
843021I-01 RENESAS-843021I-01 Datasheet
439Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843022I-02 RENESAS-843022I-02 Datasheet
722Kb / 18P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
11/4/15
843023I RENESAS-843023I Datasheet
398Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
JANUARY 9, 2015
843031I-01 RENESAS-843031I-01 Datasheet
400Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
10/15/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-12 RENESAS-843251I-12 Datasheet
509Kb / 17P
Femtoclock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
January 19, 2016
843251I-15 RENESAS-843251I-15 Datasheet
737Kb / 21P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
10/29/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com